データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H64FAD-R

  • AI
    The **M3H64FAD-R** is a high-performance Power MOSFET manufactured by **Renesas Electronics**. It is specifically designed for automotive applications and high-current switching tasks, utilizing Trench technology to achieve low "on-resistance." --- ## Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | N-Channel MOSFET | Standard polarity for high-side/low-side switching. | | **Drain-Source Voltage ($V_{DSS}$)** | 40 V | The maximum voltage the device can handle. | | **Continuous Drain Current ($I_D$)** | 64 A | Maximum current at $T_c = 25^\circ C$. | | **On-Resistance ($R_{DS(on)}$)** | ~4.1 mΩ | Low resistance to minimize power loss. | | **Gate-Source Voltage ($V_{GSS}$)** | ±20 V | The voltage range for the gate control. | | **Package Type** | TO-252 (DPAK) | Surface-mount package with good thermal properties. | --- ## Key Features ### 1. Automotive Grade (AEC-Q101) The "-R" suffix often indicates compliance with automotive reliability standards. This means the part can withstand extreme temperature cycles and mechanical vibrations found in vehicles. ### 2. Low $R_{DS(on)}$ Because the internal resistance is very low (approx. 4.1 milliohms), the component generates very little heat even when conducting high currents. This improves the overall efficiency of the power system. ### 3. Logic Level Drive This MOSFET can be fully "turned on" using relatively low gate voltages (4.5V to 10V), making it compatible with many microcontrollers and logic circuits without needing complex gate drivers. --- ## Common Applications * **Motor Control:** Used in DC-DC converters and motor drives for electric power steering or cooling fans. * **Power Distribution:** Acting as a high-speed electronic switch for power rails in automotive ECUs. * **Load Switching:** Protecting circuits from overcurrent or managing power to specific vehicle modules. --- ## Pin Configuration (TO-252) 1. **Gate (G):** Controls the switching (On/Off). 2. **Drain (D):** Connected to the load (usually the metal tab of the package). 3. **Source (S):** Connected to the ground or negative side of the circuit.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the M3H64FAD-R in high-current applications?
    • ⤷ Can this MOSFET be used in 24V truck electrical systems safely?
    • ⤷ What is the typical gate charge (Qg) for this specific model?