データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H66TCG-R

  • AI
    ## Analysis of M3H66TCG-R The **M3H66TCG-R** belongs to the **TOSHIBA M3H Group (1)**, which is part of the **TXL+ Family** based on the **ARM® Cortex®-M3** core. These microcontrollers are specifically designed for high-performance motor control and general industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 120 MHz | | **Flash Memory** | 128 KB | | **RAM** | 12 KB | | **Operating Voltage** | 2.7V to 5.5V | | **Package** | LQFP64 (10mm x 10mm, 0.5mm pitch) | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Core Electronic Features #### A. High-Precision Analog Front-End The chip is equipped with high-speed, high-resolution analog-to-digital converters, which are essential for sensing motor position and current. * **ADC:** 12-bit ADC (up to 12 channels) with a conversion speed of 1.0 $\mu$s. * **DAC:** 8-bit DAC (2 channels) for reference voltage generation. #### B. Advanced Timer Units (TASC) One of the defining parts of this IC is the **Advanced Programmable Motor Control (A-PMD)**. It allows for: * Three-phase complementary PWM output. * Automatic dead-time insertion. * Emergency shutdown synchronized with fault detection pins. #### C. Communication Interfaces The M3H66TCG-R supports standard industrial protocols: * **UART:** 3 channels. * **I2C:** 1 channel. * **TSPI (Serial Peripheral Interface):** 1 channel. --- ### 3. Functional Block Diagram Overview The internal architecture is divided into the following functional areas: 1. **System Clock Control:** Internal high-speed oscillator and PLL for 120MHz operation. 2. **DMA Controller:** Reduces CPU load by handling data transfers between peripherals and memory. 3. **Safety Functions:** Includes a Hardware CRC engine and Watchdog Timer (WDT) to meet functional safety standards. --- ### 4. Application Areas * **Home Appliances:** Washing machines, air conditioners (inverter control). * **Industrial Equipment:** Small pumps, fans, and factory automation sensors. * **Consumer Electronics:** Devices requiring low power consumption in standby mode but high processing power during operation. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power-saving modes supported by the M3H66TCG-R?
    • ⤷ How does the Advanced Programmable Motor Control (A-PMD) handle dead-time calculation?
    • ⤷ Is this microcontroller compatible with the Keil or IAR development environments?