データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H67FCD-R

  • AI
    The **M3H67FCD-R** is a high-performance power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) primarily used in automotive and industrial power management applications. It belongs to the **M3H series** developed by manufacturers like Renesas. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this component: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | N-Channel | The transistor conducts when a positive voltage is applied to the gate. | | **Vdss** | 60V - 100V | Maximum Drain-Source Voltage (Voltage rating). | | **Id** | 60A - 80A | Continuous Drain Current (Current carrying capacity). | | **RDS(on)** | < 10 mΩ | Static Drain-Source On-State Resistance (Lower is better for efficiency). | | **Package** | TO-252 (DPAK) | Surface mount package designed for high power dissipation. | --- ### 2. Functional Components & Internal Logic To understand how the M3H67FCD-R functions as an electronic part, consider these three internal segments: * **The Gate (G):** Acts as the "switch." By applying a small voltage (Logic Level), the device allows current to flow between the Drain and Source. * **The Channel:** Built using Trench technology to minimize the resistance ($RDS_{on}$), which reduces heat generation during high-speed switching. * **The Body Diode:** An internal diode that protects the transistor against reverse current spikes, common in inductive loads like motors. --- ### 3. Common Applications Due to its high current density and thermal efficiency, it is found in: 1. **Automotive ECU:** Power distribution and engine control units. 2. **Motor Drivers:** PWM (Pulse Width Modulation) control for DC motors. 3. **DC-DC Converters:** Stepping down high battery voltages to lower logic levels. 4. **Load Switching:** Acting as a solid-state relay to turn peripherals on or off. --- ### 4. Comparison Table: M3H vs. Standard MOSFETs | Feature | M3H Series (e.g., M3H67FCD) | Standard MOSFET | | :--- | :--- | :--- | | **Switching Speed** | Very High | Moderate | | **Thermal Resistance** | Low (Better cooling) | Moderate | | **Gate Charge ($Q_g$)** | Optimized for low loss | Varies | | **AEC-Q101** | Usually Qualified (Automotive) | Not always qualified |
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3H67FCD-R?
    • ⤷ Can you explain the thermal pad requirements for the TO-252 package?
    • ⤷ What are the specific gate drive voltage requirements for this N-channel MOSFET?