データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H68FAD-R

  • AI
    ## Technical Overview: M3H68FAD-R The **M3H68FAD-R** is a high-performance N-Channel enhancement mode Power MOSFET, commonly utilized in power management and switching applications. It is designed to handle significant current loads while maintaining low thermal resistance and switching losses. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this component: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V | | **Continuous Drain Current** | $I_D$ | 60A - 80A (Package dependent) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.5m$\Omega$ - 4.5m$\Omega$ | | **Gate-Source Voltage** | $V_{GS}$ | $\pm$20V | | **Total Gate Charge** | $Q_g$ | ~30nC - 50nC | | **Operating Temperature** | $T_j$ | -55°C to +150°C | --- ### 2. Physical and Structural Parts The "Electronic Parts" within and around this component include: * **Silicon Die (The Chip):** The core semiconductor material, usually using Trench MOSFET technology to minimize the on-resistance ($R_{DS(on)}$). * **Encapsulation/Package:** Typically housed in a **PDFN5x6** (or similar 8-pin surface mount) package. This plastic mold protects the die from moisture and mechanical stress. * **Lead Frame:** The internal copper structure that connects the silicon die to the external pins, optimized for high thermal conductivity. * **Bond Wires:** Internal gold or copper wires that connect the Gate and Source pads of the die to the lead frame. --- ### 3. Functional Pinout The device usually follows the standard Power-DFN configuration: 1. **Source (S):** Pins 1, 2, and 3 (usually tied together for high current). 2. **Gate (G):** Pin 4 (controls the switching state). 3. **Drain (D):** Pins 5, 6, 7, and 8 (connected to the thermal pad for heat dissipation). --- ### 4. Applications Due to its low $R_{DS(on)}$ and fast switching capabilities, the M3H68FAD-R is found in: * **DC-DC Converters:** Point-of-load (POL) modules for motherboards. * **Battery Protection:** BMS circuits for lithium-ion packs. * **Motor Control:** Small BLDC motor drivers. * **Synchronous Rectification:** In high-efficiency power supplies. --- ### 5. Equivalent Replacement Components If this specific part is unavailable, engineers often look for MOSFETs with similar footprints and RDS(on) values: ```text Potential Equivalents: - AON6512 - SIR462DP - PSMN2R0-30YLD ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum gate threshold voltage (Vgs-th) for the M3H68FAD-R?
    • ⤷ Can this MOSFET be used in 48V power systems?
    • ⤷ What are the specific thermal resistance (RthJC) benefits of the PDFN5x6 package?