データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H71FBD-R

  • AI
    The **M3H71FBD-R** is an integrated circuit (IC) primarily associated with automotive applications, specifically used in the logic and control sections of Electronic Control Units (ECUs). It is often identified as a high-density, multi-function gate array or an Application-Specific Integrated Circuit (ASIC) developed for vehicle systems. --- ### 1. General Specifications The device is part of a series often found in engine management systems (EMS) or transmission control modules. | Feature | Description | | :--- | :--- | | **Category** | Integrated Circuit (IC) / ASIC | | **Package Type** | QFP (Quad Flat Package) | | **Primary Use** | Automotive Control Systems | | **Manufacturer** | Often associated with Renesas or Mitsubishi Electric (legacy) | --- ### 2. Functional Components This IC functions as a bridge between the central microcontroller and various vehicle peripherals. Its internal architecture usually includes: * **Logic Gates:** A large array of logic gates used for custom signal processing that offloads tasks from the main CPU. * **I/O Buffers:** High-reliability input/output pins designed to handle the electrical noise typical in automotive environments. * **Timing Circuits:** Internal oscillators or clock dividers for synchronizing data transmission. * **Voltage Regulation Compatibility:** Designed to interface with 5V or 3.3V logic levels commonly used in ECU boards. --- ### 3. Application Areas You will typically find the M3H71FBD-R on the printed circuit boards (PCBs) of the following: 1. **Engine Control Units (ECU):** Managing sensor data from oxygen sensors, throttle positions, or crankshaft timing. 2. **Anti-lock Braking Systems (ABS):** Processing high-speed pulse data from wheel speed sensors. 3. **Dashboard/Instrumentation:** Controlling digital displays and gauge movements. --- ### 4. Identification and Replacement If you are repairing a board containing this chip, keep the following in mind: * **Suffixes:** The "-R" suffix usually denotes the packaging format (e.g., Reel) or a specific revision of the silicon. * **Replacement:** Because this is often an ASIC, it is rarely available through standard consumer electronics distributors (like Mouser or Digi-Key). It is usually sourced from specialized automotive component suppliers or salvaged from donor boards.
    ✨ Follow-up Questions
    • ⤷ Which vehicle brands or ECU models most commonly use the M3H71FBD-R chip?
    • ⤷ What are the pinout configurations for the M3H71FBD-R in a QFP package?
    • ⤷ Are there any known equivalents or pin-compatible alternatives for this IC?