データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H72TAG-R

  • AI
    The **M3H72TAG-R** belongs to the Renesas **S7G2 Group** of the Synergy™ Microcontrollers. This specific part is a high-performance MCU designed for intensive graphical user interfaces (GUI), high-speed connectivity, and security applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic characteristics of the M3H72TAG-R: | Feature | Specification | | :--- | :--- | | **Core** | Arm® Cortex®-M4 with FPU | | **Clock Speed** | Up to 240 MHz | | **Flash Memory** | 4 MB | | **SRAM** | 640 KB | | **Operating Voltage** | 2.7V to 3.6V | | **Package** | 176-pin LQFP | | **Graphics** | 2D Drawing Engine & LCD Controller | | **Connectivity** | Ethernet MAC (with IEEE 1588), USB 2.0 (High/Full Speed), CAN | --- ### 2. Core Functional Blocks #### A. Processing & Memory * **Arm® Cortex®-M4 Core:** Includes a Floating Point Unit (FPU) and Digital Signal Processing (DSP) instructions, making it efficient for complex math and real-time sensor data processing. * **Large Flash/RAM:** The 4MB Flash allows for storing high-resolution images for GUIs, while the 640KB RAM supports large data buffers. #### B. Graphics and Display * **LCD Controller:** Supports up to WVGA resolution (800 x 480) with 24-bit color depth. * **2D Drawing Engine:** Offloads the CPU from rendering tasks like alpha blending, color conversion, and image scaling, ensuring smooth UI animations. #### C. Connectivity & Security * **Ethernet & USB:** Dual Ethernet support (depending on configuration) and USB High-Speed (480 Mbps) capability for fast data transfer. * **Security Cryptography:** Includes hardware accelerators for AES, SHA, and RSA, along with a True Random Number Generator (TRNG) for secure IoT communication. --- ### 3. Pinout and Hardware Integration The 176-pin LQFP package provides a high density of I/O for complex system designs: * **GPIOs:** Multiple General Purpose I/O pins with high-drive capability. * **Analog:** 12-bit ADC (Analog-to-Digital Converter) and 12-bit DAC. * **Timers:** High-speed PWM timers suitable for motor control or lighting applications. --- ### 4. Typical Applications Given its high processing power and advanced graphics, this part is commonly used in: * **Industrial HMI (Human Machine Interface):** Touchscreen control panels for machinery. * **Medical Devices:** Patient monitors or diagnostic equipment with graphical displays. * **Smart Home Gateways:** Centralized hubs requiring security and high-speed networking. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption profiles for the M3H72TAG-R in sleep mode?
    • ⤷ Does this MCU support external memory expansion via QSPI or SDRAM?
    • ⤷ Which development tools or software suites are recommended for programming the Synergy S7G2 series?