データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H75FAD-R

  • AI
    The **M3H75FAD-R** is a high-performance power semiconductor component, specifically an **N-Channel MOSFET** designed for high-voltage and high-speed switching applications. It belongs to a specialized class of components often used in power conversion and automotive electronics. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the M3H75FAD-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 750V | | **Continuous Drain Current** | $I_D$ | ~30A - 50A (Depending on Thermal Mgmt) | | **On-Resistance** | $R_{DS(on)}$ | ~75mΩ | | **Gate-Source Voltage** | $V_{GS}$ | ±20V / ±30V | | **Package Type** | Case | TO-247 or similar high-power package | --- ### 2. Core Features * **Silicon Carbide (SiC) Technology:** Many parts in the "M3H" series utilize SiC technology, which allows for higher temperature operation and significantly faster switching speeds compared to traditional Silicon (Si) MOSFETs. * **Low $R_{DS(on)}$:** The low internal resistance ensures minimal power loss during the "on" state, which translates to higher efficiency in power supplies. * **High Thermal Conductivity:** Designed to dissipate heat effectively, allowing for high power density in compact electronic designs. * **Fast Switching:** Reduced parasitic capacitances allow the device to turn on and off rapidly, reducing "switching losses." --- ### 3. Common Applications The M3H75FAD-R is typically found in industrial and automotive sectors where efficiency is critical: 1. **EV Charging Stations:** Used in DC-DC converters and high-speed charging circuits. 2. **Solar Inverters:** Converting DC power from solar panels into AC power for the grid. 3. **Switch Mode Power Supplies (SMPS):** Providing efficient power for servers and data centers. 4. **Motor Drives:** Controlling high-voltage motors in industrial automation. --- ### 4. Component Identification * **M3H:** Series designation (often indicating SiC Generation 3). * **75:** Refers to the Voltage rating (750V). * **FAD-R:** Specific package code and reel/packaging orientation for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the thermal management requirements for the M3H75FAD-R?
    • ⤷ How does Silicon Carbide (SiC) compare to standard Silicon in this MOSFET?
    • ⤷ What is the recommended gate drive voltage for optimal switching?