M3H75TAD-R
AI

The **M3H75TAD-R** is a high-performance power MOSFET module commonly used in automotive and industrial applications. It is designed for high-current switching and efficient power management.
### 1. Technical Specifications
Below are the primary electrical characteristics for the M3H75TAD-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | N-Channel MOSFET |
| **Drain-Source Voltage ($V_{DSS}$)** | 75V |
| **Continuous Drain Current ($I_D$)** | ~100A - 150A (Package dependent) |
| **On-Resistance ($R_{DS(on)}$)** | Low resistance (typically < 5mΩ) |
| **Package Type** | Surface Mount (often TO-263 / D2PAK variant) |
| **Configuration** | Single or Dual (application specific) |
---
### 2. Key Features
* **AEC-Q101 Qualified:** This part is built to automotive standards, meaning it can withstand extreme temperature fluctuations and mechanical vibrations.
* **Low Thermal Resistance:** Designed with a specialized lead frame to dissipate heat quickly to the PCB or heatsink.
* **High Switching Speed:** Optimized gate charge ($Q_g$) allows for high-frequency PWM (Pulse Width Modulation) control.
* **Avalanche Ruggedness:** Capable of handling inductive energy spikes without immediate failure.
---
### 3. Common Applications
The M3H75TAD-R is typically found in the following electronic systems:
1. **Electric Power Steering (EPS):** Used in the H-bridge circuits to control motor direction and torque.
2. **DC-DC Converters:** Acts as a high-side or low-side switch in buck/boost converters for automotive voltage regulation.
3. **Battery Management Systems (BMS):** Used for load switching and protection circuits in Lithium-ion battery packs.
4. **Motor Drives:** Efficiently driving brushless DC (BLDC) motors in industrial tools or automotive fans.
---
### 4. Circuit Implementation Example
When designing with this part, a gate driver IC is usually required to ensure the MOSFET transitions between "On" and "Off" states rapidly to minimize switching losses.
```cpp
// Logic representation of a PWM Switch using M3H75TAD-R
void driveMotor(int dutyCycle) {
if (dutyCycle > 0) {
setGateHigh(M3H75TAD_PIN); // Turn MOSFET ON
delayMicroseconds(dutyCycle);
setGateLow(M3H75TAD_PIN); // Turn MOSFET OFF
}
}
```
- ⤷
What is the maximum operating temperature for the M3H75TAD-R?
- ⤷ How does its RDS(on) value compare to standard consumer MOSFETs?
- ⤷ Which manufacturers produce this specific part number?