M3H76FBD-R
AI

The **M3H76FBD-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Class, manufactured by **Toshiba**. This microcontroller is based on the ARM® Cortex®-M3 core and is designed for high-performance motor control and industrial applications.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic characteristics of the M3H76FBD-R:
| Parameter | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Flash Memory** | 512 KB |
| **RAM** | 64 KB |
| **Operating Voltage** | 2.7V to 5.5V (Single Power Supply) |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
| **Temperature Range** | -40°C to 85°C |
---
### 2. Specialized Peripheral Modules
The M3H series is known for its "Advanced Class" peripherals, which offload tasks from the CPU to improve efficiency in motor and power control.
* **A-PMD (Advanced Programmable Motor Control):**
* Designed for 3-phase motor control (BLDC/PMSM).
* Features 3-phase PWM output with dead-time insertion.
* Includes emergency stop functionality via external input.
* **A-ENC (Advanced Encoder Input Circuit):**
* Supports incremental encoders (ABZ phase).
* Hardware-based position and speed calculation, reducing CPU overhead.
* **A-ADC (Advanced Analog-to-Digital Converter):**
* 12-bit resolution.
* High-speed conversion (approx. 1.0 μs).
* Linked directly with the PWM timers for synchronized sampling.
---
### 3. Communication Interfaces
The device is equipped with various industry-standard communication protocols:
* **UART:** Up to 6 channels (supporting full-duplex and asynchronous modes).
* **I2C:** 3 channels (Standard-mode and Fast-mode).
* **TSPI (Toshiba Serial Peripheral Interface):** 3 channels, compatible with SPI.
---
### 4. Safety and Reliability Features
To meet industrial standards, the M3H76FBD-R includes several hardware safety mechanisms:
* **ECC (Error Correction Code):** Flash memory protection.
* **CRC Calculation Circuit:** Ensures data integrity for communications.
* **RAM Parity:** Detects memory errors during runtime.
* **LVD (Low Voltage Detection):** Monitors power supply drops to prevent erratic behavior.
---
### 5. Application Examples
* **Home Appliances:** Washing machines, air conditioners (inverter control).
* **Industrial Equipment:** Servo motors, PLC (Programmable Logic Controllers).
* **Power Management:** Digital power supplies and UPS systems.
- ⤷
What are the specific development tools supported for the M3H series?
- ⤷ How does the A-PMD module interface with the ADC for FOC motor control?
- ⤷ Does this chip support CAN bus communication?