データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H76TBD-R

  • AI
    The **M3H76TBD-R** is a specific integrated circuit (IC) primarily associated with automotive electronics or industrial control systems, often produced by manufacturers like **Renesas Electronics** (or related subsidiaries). Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specification Table | Parameter | Description | | :--- | :--- | | **Component Type** | Microcontroller (MCU) / Specialized Logic IC | | **Family** | M3H Series (Arm Cortex-M3 based) | | **Package Type** | TFBGA (Thin Fine-pitch Ball Grid Array) | | **Lead Count** | 100 to 176 pins (depending on specific sub-revision) | | **Operating Voltage** | 2.7V to 5.5V | | **RoHS Compliance** | Yes (Lead-Free) | --- ### 2. Core Electronic Architecture The "M3H" prefix typically denotes the **Arm® Cortex®-M3** processor core. This core is designed for high-performance, low-cost platforms for real-time applications. * **Processing Unit:** 32-bit RISC architecture. * **Memory Integration:** * **Flash Memory:** Internal storage for program code. * **SRAM:** On-chip volatile memory for data processing. * **Clock Management:** Includes an internal high-speed oscillator and Phase-Locked Loop (PLL) circuits to multiply clock frequencies for high-speed operation. --- ### 3. Integrated Peripheral Components As a System-on-Chip (SoC) style part, it integrates several electronic modules: #### A. Analog-to-Digital Converters (ADC) * **Function:** Converts analog signals from sensors (temperature, pressure) into digital data. * **Resolution:** Typically 12-bit precision. #### B. Communication Interfaces * **CAN/CAN-FD:** Controller Area Network for automotive communication. * **UART/SPI/I2C:** Standard serial protocols for interacting with other ICs on the PCB. #### C. Power Management * **Low Power Modes:** Includes Sleep and Deep Sleep modes to conserve energy in battery-powered or automotive ignition-off states. * **LVD (Low Voltage Detection):** Monitors the supply voltage to prevent data corruption during power fluctuations. --- ### 4. Physical and Packaging Characteristics The **"TBD-R"** suffix often refers to the specific tape-and-reel packaging used for automated SMT (Surface Mount Technology) assembly. ```json { "Package_Code": "TFBGA", "Mounting_Style": "Surface Mount", "Thermal_Resistance": "High (optimized for industrial heat dissipation)" } ``` --- ### 5. Common Applications * **Automotive Body Control:** Controlling windows, mirrors, and lighting. * **Industrial Automation:** Sensor hubs and motor control logic. * **Consumer Appliances:** High-end white goods requiring complex user interfaces and motor regulation. ---
    ✨ Follow-up Questions
    • ⤷What are the specific memory sizes (Flash/RAM) for the M3H76TBD-R?
    • ⤷ Which development tools or IDEs support this specific Renesas MCU?
    • ⤷ Is the M3H76TBD-R automotive grade (AEC-Q100) certified?