データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3H78FCG-R

  • AI
    The **M3H78FCG-R** is an integrated circuit (IC) belonging to the **TXZ3+ Series** of microcontrollers developed by **Toshiba**. It is based on the **ARM® Cortex®-M3** core and is designed for high-efficiency motor control and consumer electronic applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M3 | | **Maximum Frequency** | 80 MHz | | **Flash Memory** | 128 KB | | **SRAM** | 12 | | **Operating Voltage** | 2.7V to 5.5V | | **Package Type** | LQFP100 (14mm x 14mm) | | **Temperature Range** | -40°C to +85°C | --- ### 2. Core Functional Blocks The "electronic parts" or internal modules that make up this IC include: #### A. Processing & Memory * **ARM Cortex-M3 Core:** A 32-bit RISC processor known for high performance and low power consumption. * **Embedded Flash:** Stores the application firmware with high-speed access. * **SRAM:** Used for temporary data storage and stack operations during execution. #### B. Motor Control Peripherals (A-PMD) The "M3H" group is specifically optimized for motor control. It includes: * **Advanced Programmable Motor Control Timer (A-PMD):** Generates 3-phase PWM waveforms with dead-time insertion. * **Vector Engine (VE):** A hardware accelerator that offloads complex mathematical calculations (like Park and Clarke transforms) from the CPU to control brushless DC (BLDC) motors efficiently. #### C. Analog-to-Digital Conversion (ADC) * **12-bit ADC:** High-speed conversion units (multiple channels) used to sense phase currents, voltages, and sensor inputs for precise feedback loops. #### D. Connectivity & Interfaces * **UART/I2C/SPI:** Standard serial communication protocols for interfacing with sensors or other microcontrollers. * **GPIO:** General Purpose Input/Output pins for controlling LEDs, switches, and relays. --- ### 3. Part Number Decoder Understanding the "M3H78FCG-R" nomenclature helps identify its hardware configuration: * **M3H:** ARM Cortex-M3 High-speed group (TXZ3+ Series). * **7:** Indicates specific sub-family features. * **8:** Memory capacity indicator (128KB Flash). * **F:** Pin count indicator (100-pin package). * **CG:** High-performance revision/package code. * **-R:** Indicates "Tape and Reel" packaging for automated assembly. --- ### 4. Typical Application Circuit Components When using the M3H78FCG-R on a PCB, you will typically find these external electronic parts: 1. **Decoupling Capacitors:** (0.1µF and 1µF) placed near VDD pins to filter noise. 2. **Crystal Oscillator:** Usually 8MHz to 12MHz for stable system clocking. 3. **Reset Circuit:** A pull-up resistor and capacitor on the RESET pin. 4. **Inverter Bridge:** Connected via the PMD pins to drive high-power motors.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of the hardware Vector Engine in this IC?
    • ⤷ How does the M3H series compare to the M4K series in Toshiba's lineup?
    • ⤷ What software tools are recommended for developing firmware for the M3H78FCG-R?