データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3R24FAJ-R

  • AI
    The **M3R24FAJ-R** is a specific model of a **Crystal Oscillator**, typically categorized as a Fixed Frequency Surface Mount (SMD) oscillator. These components are critical for providing a stable clock signal to microprocessors and digital circuits. --- ### 1. Key Technical Specifications Based on standard nomenclature for the M3R series (often manufactured by companies like MtronPTI), the technical breakdown is as follows: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | XO (Crystal Oscillator) | Active timing device containing a crystal and an IC. | | **Package Type** | 5x7 mm SMD | Standard 4-pad ceramic surface mount package. | | **Supply Voltage** | 3.3V DC (Typical) | Standard operating voltage for modern digital logic. | | **Output Type** | HCMOS / TTL | Provides a square wave output compatible with most MCUs. | | **Frequency Stability** | ±50 ppm to ±100 ppm | Variations in frequency over temperature and time. | | **Operating Temp** | -40°C to +85°C | Industrial grade temperature range. | --- ### 2. Physical Layout (Pinout) Most 5x7mm oscillators follow a standard 4-pin configuration: 1. **Pin 1 (OE/NC):** Output Enable (allows the clock to be turned on/off) or No Connection. 2. **Pin 2 (GND):** Ground connection. 3. **Pin 3 (Output):** The actual clock signal sent to the circuit. 4. **Pin 4 (Vcc):** DC Power supply input. --- ### 3. Functional Role in Electronics The M3R24FAJ-R functions as the "heartbeat" of an electronic system. Unlike a passive crystal (which requires external capacitors and an inverter), this **active oscillator** integrates the entire circuit into one package. * **Frequency Generation:** It uses the mechanical resonance of a vibrating quartz crystal to create an electrical signal with a precise frequency. * **Stability:** It is designed to maintain its frequency despite changes in temperature or voltage fluctuations. * **Applications:** Used in networking equipment, industrial controllers, and embedded systems requiring a 24MHz (or specified) time base. --- ### 4. Circuit Implementation Example To use this part, you would typically connect it as follows: ```c // Typical Connection Logic Vcc (3.3V) ----> [Pin 4] GND (0V) ----> [Pin 2] Output ----> [Microcontroller OSC_IN] // Decoupling Recommendation // Place a 0.1uF ceramic capacitor between Vcc and GND // as close to the oscillator as possible to reduce noise. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the M3R24FAJ-R variant?
    • ⤷ Can this oscillator be used in automotive applications?
    • ⤷ How does an active oscillator differ from a passive crystal resonator?