データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3R63TAJ-R

  • AI
    The **M3R63TAJ-R** is a specific part number typically associated with **Quartz Crystal Oscillators**, often utilized in telecommunications, networking, and high-frequency data processing applications. These components are critical for providing stable clock signals to microprocessors and digital circuits. --- ## 1. Component Overview The M3R series generally refers to high-frequency, surface-mount (SMD) oscillators. Below are the typical technical specifications associated with this specific family of parts: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator (XO) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Package Type** | 6-Pad SMD (approx. 7.0 x 5.0 mm) | | **Frequency Range** | Typically 10 MHz to 250 MHz (depends on sub-code) | | **Supply Voltage** | 3.3V (standard for M3R series) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ## 2. Key Electronic Characteristics ### A. LVPECL Output The "TAJ" suffix often denotes the logic type and voltage. **LVPECL** is used because: * It provides high-speed switching capabilities. * It has excellent noise immunity. * It is ideal for driving long traces on PCBs for high-speed clock distribution. ### B. Jitter Performance These oscillators are designed for **Low Phase Jitter**. This is crucial for: * High-speed Ethernet (1G/10G). * Fiber Channel. * SATA/SAS interfaces. ### C. Tri-state Function (Enable/Disable) The "R" in the suffix usually indicates a specific packaging or functional feature, such as **RoHS Compliance** or **Tape and Reel** packaging. Most of these units include a "Tri-state" pin (Pin 1), which allows the output to be disabled to save power without powering down the entire system. --- ## 3. Pin Configuration For a standard 6-pad SMD package like the M3R63TAJ: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | E/D | Enable/Disable (Tri-state) | | **2** | NC | No Connection | | **3** | GND | Ground | | **4** | Output | Main Clock Signal | | **5** | Complementary Output | Differential Clock Signal | | **6** | Vcc | Supply Voltage (3.3V) | --- ## 4. Typical Applications * **Networking:** Switches, Routers, and Hubs. * **Storage:** RAID controllers and Host Bus Adapters. * **Telecom:** Base stations and optical transmission equipment. * **Computing:** High-performance servers requiring precise timing.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the M3R63TAJ-R variant you are using?
    • ⤷ How does LVPECL logic compare to LVDS in terms of power consumption?
    • ⤷ Do you need the footprint dimensions for PCB layout design?