データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3R64TCJ-R

  • AI
    The **M3R64TCJ-R** (often associated with high-reliability power modules or specific high-frequency capacitors depending on the manufacturer, such as Murata or specialized power brands) typically refers to a **multilayer ceramic capacitor (MLCC)** or a specific **power inductor/module** configuration. Below is a breakdown of the electronic characteristics and technical specifications generally associated with this part numbering scheme. --- ### 1. Technical Specifications This component is designed for high-performance electronic circuits, often found in automotive or industrial power supplies. | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Multilayer Ceramic Capacitor (MLCC) or Power Component | | **Capacitance / Inductance** | Varies by specific series (Commonly 3.6µH to 6.4µH if inductor) | | **Voltage Rating** | High Voltage Stability (Up to 630V or 1kV depending on series) | | **Tolerance** | ±5% or ±10% | | **Temperature Coefficient** | X7R or COG/NP0 (Stable across -55°C to +125°C) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Internal Features The "TCJ" and "R" suffixes in electronic part numbering often indicate specific construction methods: * **Tantalum/Polymer Construction:** If this belongs to the TCJ series (common in brands like AVX/Kyocera), it signifies a **Conductive Polymer Tantalum Capacitor**. These are known for: * Low ESR (Equivalent Series Resistance). * Reduced risk of ignition compared to standard tantalum capacitors. * High ripple current capability. * **Termination (R):** The "R" usually indicates the packaging format, specifically **Tape & Reel**, intended for automated Pick-and-Place assembly lines. --- ### 3. Application Areas These parts are engineered for environments where stability and space-saving are critical: 1. **DC-DC Converters:** Used for filtering and smoothing voltage output. 2. **Automotive Electronics:** Powering ADAS sensors, infotainment, and ECU modules. 3. **Telecommunications:** Base station power management where high reliability is non-negotiable. 4. **Decoupling:** Reducing high-frequency noise in digital integrated circuits. --- ### 4. Part Number Breakdown (Generic Structure) While part numbers vary by brand, they generally follow this logic: ```text M3R - 64 - TCJ - R | | | | Series Size Type Packaging (Tape & Reel) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific manufacturer for the M3R64TCJ-R?
    • ⤷ Can this part be substituted with a standard X7R capacitor?
    • ⤷ What are the thermal limitations of this component in automotive applications?