データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3SDY-5-R

  • AI
    The part number **M3SDY-5-R** typically refers to a high-performance **Reed Relay** manufactured by companies like **Standex Electronics (Meder)**. These components are used for switching signals where high isolation and reliability are required. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) | | **Coil Voltage** | 5 VDC | | **Coil Resistance** | ~500 Ohms (Standard) | | **Switching Voltage** | Up to 200 VDC | | **Switching Current** | 0.5 A | | **Carry Current** | 1.0 A | | **Package Type** | SIL (Single In-Line) | | **Features** | Internal Diode & Magnetic Shield | --- ## 2. Key Internal Components The M3SDY-5-R consists of several critical electronic sub-parts: ### A. The Reed Switch The heart of the device. It consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope filled with inert gas. When the coil is energized, the magnetic field pulls the reeds together to close the circuit. ### B. The Copper Coil A precision-wound copper wire surrounding the reed switch. In this model, it is designed to operate at a nominal **5V**, making it compatible with TTL and CMOS logic levels. ### C. Internal Diode ("-R" suffix) The "R" in the part number often indicates the inclusion of an **Internal Suppression Diode** (Flyback Diode) across the coil. * **Purpose:** Protects sensitive driving circuitry (like microcontrollers) from high-voltage spikes generated when the relay coil is turned off. ### D. Magnetic Shield The "S" or "M" designations in these series often refer to an internal Mu-metal shield. This prevents magnetic interference between adjacent relays when mounted closely on a PCB. --- ## 3. Application Use Cases Because of its small footprint and high speed, this part is commonly found in: * **ATE (Automatic Test Equipment):** Switching test signals. * **Telecommunications:** Signal routing and isolation. * **Security Systems:** Low-power sensor switching. * **Medical Electronics:** Providing galvanic isolation between patient-side and control-side electronics. --- ## 4. Typical Connection Diagram ```cpp // Schematic representation of the M3SDY-5-R +----------+ | (Coil) | [1] o--+--|<|--o [2] (Pin 2: GND, Pin 1: 5V Control) | | D1 | | (D1 is the internal diode) | +LLLLLL+ | | | | (Switch) | [3] o---- \ ----o [4] (Switch Contacts) +----------+ ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this reed relay?
    • ⤷ Can this relay be driven directly by an Arduino GPIO pin?
    • ⤷ What are the advantages of a Reed Relay over a Solid State Relay (SSR)?