データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3SMS-4W-R

  • AI
    The **M3SMS-4W-R** is a specific part number for a ribbon cable assembly manufactured by **3M**. This component is designed for internal board-to-board connections where space is limited and reliable signal transmission is required. ### 1. Technical Specifications Breakdown | Feature | Specification | | :--- | :--- | | **Manufacturer** | 3M | | **Part Type** | Ribbon Cable Assembly | | **Connector Type** | Socket to Socket (IDC) | | **Number of Positions** | 4 | | **Length** | 4.00" (101.60mm) | | **Pitch - Connector** | 0.100" (2.54mm) | | **Pitch - Cable** | 0.050" (1.27mm) | | **Color** | Multiple, Twisted Pair (Flat) | | **Shielding** | Unshielded | | **Termination Style** | IDC (Insulation Displacement Connector) | --- ### 2. Component Composition The assembly consists of three primary electronic elements: #### A. The Connectors (M) * The **"M"** indicates a Socket connector. These are typically female headers designed to plug into standard 0.1" (2.54mm) male pin headers. * They feature **Strain Relief**, which is a plastic clip that prevents the cable from being pulled out of the connector housing during vibration or handling. #### B. The Cable (SMS) * The cable is a flat ribbon style, which allows for organized routing inside a chassis. * It utilizes **IDC technology**, meaning the connector pins pierce the insulation of the wire to make contact with the conductor without the need for stripping or soldering. #### C. Polarization and Keys * These parts often feature a **Center Bump (Polarization)** to ensure the cable cannot be plugged in backwards, protecting the circuit from reverse polarity or incorrect pin mapping. --- ### 3. Part Number Decoder While 3M part numbers vary, the suffix **4W-R** generally breaks down as follows: * **4:** Represents the number of contacts/pins. * **W:** Often denotes the specific wire gauge or color configuration (often multi-color/rainbow). * **R:** Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. --- ### 4. Common Applications * **Prototyping:** Connecting microcontrollers (like Arduino or Raspberry Pi) to external modules. * **Industrial Control:** Linking PCBs within a control box. * **Computing:** Internal data lines for legacy peripherals or power indicators.
    ✨ Follow-up Questions
    • ⤷ What are the current rating limits for this 3M cable assembly?
    • ⤷ Can this cable be customized for different lengths or pin counts?
    • ⤷ What is the difference between the 'SMS' and 'DMS' versions of these cables?