データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3STV-65-R

  • AI
    The **M3STV-65-R** is a specific part number typically associated with **3M’s Ribbon Cable Connector assemblies**. It belongs to the 3M™ Pak 100 series, specifically designed for board-to-board or cable-to-board interconnects. --- ## 1. Technical Specifications The part number is a coded string that defines the physical and electrical characteristics of the connector. | Feature | Specification | | :--- | :--- | | **Connector Type** | Socket to Plug (Molded Shell) | | **Number of Positions** | 65 Pins | | **Pitch** | 0.100" (2.54 mm) | | **Color** | Gray (Standard) | | **Termination** | IDC (Insulation Displacement Contact) | | **RoHS Status** | Compliant (indicated by the "R" suffix) | --- ## 2. Component Breakdown The construction of this electronic part involves several key elements that ensure signal integrity and durability: ### A. Housing Material * **Material:** Glass-filled Polyester (PBT). * **Function:** Provides electrical insulation between pins and structural rigidity. It is rated for high temperatures and is typically UL 94V-0 flame retardant. ### B. Contact Plating * **Base Metal:** Copper Alloy. * **Plating:** Usually features Gold over Nickel on the contact area. This prevents oxidation and ensures low contact resistance over the lifecycle of the part. ### C. The IDC System * **Mechanism:** Insulation Displacement Contacts allow the connector to be "crimped" onto a ribbon cable without stripping the individual wires. * **Efficiency:** This allows for mass termination, making it an industry standard for internal computer and industrial equipment wiring. --- ## 3. Application Areas Because of its high pin count (65) and 0.100" pitch, the M3STV-65-R is commonly found in: 1. **Industrial Controls:** Connecting PLCs (Programmable Logic Controllers) to I/O modules. 2. **Internal Computing:** Legacy bus architectures or custom backplanes where high-density parallel data transfer is required. 3. **Medical Equipment:** Internal signal routing between sensor boards and processing units. 4. **Test & Measurement:** Used in automated test equipment (ATE) for reliable, repeatable connections. --- ## 4. Key Advantages * **Strain Relief:** Most "STV" series connectors include an integrated strain relief to prevent the cable from detaching under vibration. * **Polarization:** The shell design prevents accidental reverse insertion (mating error). * **Durability:** Designed for a high number of mating cycles compared to standard consumer-grade headers.
    ✨ Follow-up Questions
    • ⤷What are the specific electrical current ratings for the 3M Pak 100 series?
    • ⤷ How does the M3STV-65-R compare to the 2.0mm pitch variants?
    • ⤷ What type of ribbon cable AWG is compatible with this connector?