データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3T-FLX64-R

  • AI
    ## Overview of the M3T-FLX64-R The **M3T-FLX64-R** is a specialized electronic hardware accessory, specifically a **flexible cable converter** (adapter) designed for use with Renesas development tools. It is primarily used to interface an emulator or a programmer to a target system using a 64-pin fine-pitch connector. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | 64-pin 0.5mm pitch | | **Function** | Flexible cable connection between emulator and target PCB | | **Compatibility** | Renesas M16C, R8C, and H8 series MCUs | | **Pitch** | 0.5 mm (Target side) | | **Material** | High-durability Flexible Printed Circuit (FPC) | --- ### 2. Main Components and Design The M3T-FLX64-R is not a complex integrated circuit; rather, it is a high-precision **passive interconnect**. Its design focuses on signal integrity for high-speed debugging. * **FPC (Flexible Printed Circuit):** The main body is made of polyimide, allowing the cable to bend and fit into tight enclosures or specific hardware setups without breaking the electrical traces. * **Header Connectors:** One end connects to the emulator pod (like the E8 or E8a), while the other end adapts to the specific footprint of the 64-pin microcontroller. * **Pin Mapping:** The internal traces are mapped 1-to-1 or specifically routed to ensure that the JTAG, SWD, or proprietary Renesas debug signals reach the correct pins on the target MCU. --- ### 3. Functional Purpose In the development lifecycle of an embedded system, the M3T-FLX64-R serves the following roles: 1. **Mechanical Adaptation:** It bridges the gap between the bulky emulator connector and the high-density SMD (Surface Mount Device) pads on a target board. 2. **Ease of Probing:** It allows developers to keep the emulator physically distant from the target board, preventing mechanical stress on the PCB. 3. **In-Circuit Debugging:** It facilitates real-time debugging, allowing the developer to flash firmware and inspect registers while the MCU is soldered to the board. --- ### 4. Common Usage Scenario When using a Renesas **IE78K** or **E8a** emulator to program a 64-pin QFP (Quad Flat Package) microcontroller, the M3T-FLX64-R is often used in conjunction with a **NQPACK064SD** (socket) and a **YQPACK064SD** (conversion adapter). ```mermaid [Emulator] <--> [FLX64-R Cable] <--> [YQPACK Adapter] <--> [Target MCU Socket] ``` ---
    ✨ Follow-up Questions
    • ⤷Which Renesas emulators are specifically compatible with the M3T-FLX64-R?
    • ⤷ Are there specific pinout diagrams available for the 64-pin 0.5mm pitch interface?
    • ⤷ What is the maximum signal frequency supported by this flexible cable?