データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3V24T2CJ-R

  • AI
    The **M3V24T2CJ-R** is a specific surface-mount electronic component, typically categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. These parts are essential in telecommunications and data processing for frequency stabilization and clock generation. --- ### 1. Technical Specifications The following table summarizes the key characteristics of the M3V series (specifically the 24T2CJ variant): | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 5.0 x 3.2 mm (Common for M3V Series) | | **Output Type** | CMOS / TTL | | **Operating Voltage** | 3.3V (indicated by the 'V' or 'T' coding) | | **Frequency Range** | Typically 1.5 MHz to 54 MHz | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Breakdown of the Part Number While nomenclature varies slightly by manufacturer (often associated with brands like *MtronPTI*), the code generally breaks down as follows: * **M3V**: Series identifier for the VCXO line. * **24**: Often refers to the specific frequency or a frequency stability code. * **T**: Indicates the operating voltage (usually 3.3V). * **2**: Stability/Temperature range code. * **CJ**: Output type and Symmetry requirements (CMOS). * **-R**: RoHS Compliant (Lead-free). --- ### 3. Functional Operation A VCXO like the M3V24T2CJ-R allows the output frequency to be adjusted (pulled) slightly by an external control voltage. * **Frequency Pulling:** This is critical for Phase-Locked Loops (PLLs) to synchronize internal clocks with external data streams. * **Low Jitter:** Designed to provide a clean signal with minimal timing variations. * **Enable/Disable Function:** Usually includes a "Tri-state" pin (Pin 1 or 2) to turn the output off for power saving or testing. --- ### 4. Typical Applications These components are found in high-precision timing environments: 1. **Telecommunications:** Base stations and switching equipment. 2. **Networking:** Routers, switches, and fiber-optic modules. 3. **Video Equipment:** Digital video broadcast (DVB) and professional cameras. 4. **Data Storage:** SAN and NAS controllers. ---
    ✨ Follow-up Questions
    • ⤷What is the exact frequency of the M3V24T2CJ-R?
    • ⤷ How do I connect the control voltage pin in a circuit?
    • ⤷ What are the alternatives to using a VCXO in a clocking circuit?