データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3V62V2J-R

  • AI
    The **M3V62V2J-R** is a specific surface-mount component, typically classified as a **Voltage Controlled Crystal Oscillator (VCXO)** or a high-precision timing module. These components are critical for frequency control in telecommunications and data processing equipment. --- ### Technical Specifications Below are the typical electronic characteristics for this part series: | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Output Type** | LV-PECL or CMOS (Model dependent) | | **Supply Voltage (Vcc)** | 3.3V (standard for M3V series) | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 5.0 x 7.0 mm or 3.2 x 5.0 mm | | **Frequency Stability** | ±20ppm to ±50ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### Key Internal Parts and Functionality 1. **Quartz Crystal Blank:** The heart of the component. It uses the piezoelectric effect to vibrate at a precise fundamental frequency. 2. **Varactor Diode:** This is the "Voltage Control" element. By applying a tuning voltage to the control pin, the capacitance of the internal circuit changes, slightly pulling the crystal's frequency up or down. 3. **IC Oscillator Circuit:** An internal integrated circuit that provides the gain needed to sustain oscillation and buffers the output signal to the required logic level (e.g., LV-PECL). 4. **Hermetic Sealing:** The internal parts are housed in a ceramic package with a metal lid, usually seam-sealed to prevent moisture from affecting the frequency stability. --- ### Application Usage These parts are commonly found in the following electronic systems: * **Phase-Locked Loops (PLL):** Used to synchronize internal clocks with external data streams. * **Networking Gear:** Switches and routers requiring high-speed data transmission synchronization. * **Set-top Boxes:** For clock recovery in digital video signals. * **Wireless Base Stations:** To maintain precise carrier frequencies. --- ### Pin Configuration (General Layout) | Pin Number | Function | Description | |:---:|:---|:---| | 1 | **V_control** | Voltage input to adjust frequency | | 2 | **OE or NC** | Output Enable or No Connection | | 3 | **GND** | Ground | | 4 | **Output** | Frequency Signal Output | | 5 | **Complementary** | Complementary Output (if differential) | | 6 | **Vcc** | Power Supply |
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the M3V62V2J-R?
    • ⤷ How does the 'R' suffix affect the packaging or RoHS compliance?
    • ⤷ Can this component be used in automotive applications?