データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3V64V2J-R

  • AI
    The **M3V64V2J-R** is a specific surface-mount electronic component, categorized as a **Voltage Controlled Crystal Oscillator (VCXO)**. It is widely used in telecommunications and high-speed data networking for frequency synchronization. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the M3V64V2J-R: | Feature | Specification | | :--- | :--- | | **Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Output Type** | LVDS (Low Voltage Differential Signaling) | | **Operating Voltage** | 3.3V (Typical) | | **Package Size** | 5.0 x 3.2 mm (6-pad SMD) | | **Frequency Stability** | Generally ±25ppm to ±50ppm (varies by sub-grade) | | **Control Voltage Range** | 0.3V to 3.0V (Standard) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Components & Working Principle The M3V64V2J-R integrates several internal parts to perform its function: 1. **Quartz Crystal Blank:** The fundamental resonating element that determines the base frequency. 2. **Varactor Diode:** An internal electronic part that acts as a variable capacitor. By changing the "Control Voltage" (Pin 1), the capacitance changes, slightly shifting the crystal's frequency. 3. **Oscillator IC:** An application-specific integrated circuit (ASIC) that maintains the oscillation and converts the signal into an **LVDS** format. 4. **Ceramic Package:** A hermetically sealed 6-pad ceramic housing that protects the internal sensitive parts from humidity and mechanical stress. --- ### 3. Pin Configuration The device typically uses a 6-pad layout: * **Pin 1 (VC):** Voltage Control input (used to "pull" or tune the frequency). * **Pin 2 (OE):** Output Enable (allows the output to be turned on/off). * **Pin 3 (GND):** Ground connection. * **Pin 4 (OUT):** Main LVDS signal output. * **Pin 5 (OUT-C):** Complementary LVDS signal output. * **Pin 6 (Vdd):** DC Power supply (3.3V). --- ### 4. Typical Applications Because of its LVDS output and frequency tuning capabilities, it is used in: * **Phase-Locked Loops (PLLs):** For clock recovery and frequency synthesis. * **SONET / SDH:** High-speed fiber optic networking. * **WiMAX / LTE Base Stations:** Ensuring precise timing across wireless networks. * **Broadband Access:** Used in routers and switches to reduce jitter.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a VCXO like the M3V64V2J-R?
    • ⤷ How does the LVDS output benefit high-speed digital circuits?
    • ⤷ What is the 'Pullability' range of this specific oscillator?