データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3V66T2CJ-R

  • AI
    Based on the part number provided, the **M3V66T2CJ-R** is an ultra-low-jitter, high-performance **Voltage Controlled Crystal Oscillator (VCXO)**, typically manufactured by **MtronPTI**. These components are critical in telecommunications and data processing for clock synchronization and frequency synthesis. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of this series: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | VCXO (Voltage Controlled Crystal Oscillator) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Supply Voltage ($V_{dd}$)** | +3.3V DC | | **Package Size** | 5.0 x 7.0 mm (Ceramic Leadless Chip Carrier) | | **Frequency Stability** | Typically ±20ppm to ±50ppm | | **Control Voltage Range** | 0.3V to 3.0V (Typical) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Compliance** | Yes (Lead-free/RoHS compliant) | --- ### 2. Functional Description The M3V series is designed for applications requiring precise frequency control and extremely low phase noise. * **LVPECL Output:** This differential output signal is ideal for high-speed data transmission because it offers excellent noise immunity and can operate at frequencies exceeding 600MHz. * **Voltage Control (VC):** The "V" in the part number indicates that the output frequency can be "pulled" or adjusted slightly by changing the input voltage on a specific pin. This is essential for **Phase Locked Loops (PLLs)**. * **Low Jitter:** It is engineered for sub-picosecond jitter performance, making it suitable for 10G/40G/100G Ethernet and Optical Transport Networks (OTN). --- ### 3. Pin Configuration (Typical 6-Pad) The standard 5x7mm VCXO package usually follows this layout: 1. **Pin 1 (VC):** Control Voltage (adjusts frequency). 2. **Pin 2 (E/D):** Enable/Disable (Tristate function). 3. **Pin 3 (GND):** Case and Circuit Ground. 4. **Pin 4 (Output):** Standard PECL Output. 5. **Pin 5 (Output):** Complementary PECL Output. 6. **Pin 6 ($V_{dd}$):** Power Supply. --- ### 4. Common Applications * **Networking:** SONET/SDH, Gigabit Ethernet, and Fiber Channel. * **Wireless:** Base stations and backhaul equipment. * **Test & Measurement:** High-speed digitized instrumentation. * **Clock Jitter Attenuation:** Cleaning up noisy clock signals in complex circuits.
    ✨ Follow-up Questions
    • ⤷ What is the exact center frequency for the M3V66T2CJ-R variant?
    • ⤷ How does the LVPECL output compare to LVDS in terms of power consumption?
    • ⤷ What are the soldering layout recommendations for the 5x7mm ceramic package?