データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M3V66T2J-R

  • AI
    ## Analysis of the M3V66T2J-R The **M3V66T2J-R** is a specialized electronic component, typically categorized as a high-frequency, high-stability **Voltage Controlled Crystal Oscillator (VCXO)**. These parts are critical in telecommunications and networking hardware where precise timing is required. --- ### Technical Specifications Below is a summary of the typical technical characteristics found in this series of oscillators: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Package Type** | Surface Mount (SMD) - typically 5.0 x 3.2 mm or 7.0 x 5.0 mm | | **Output Type** | CMOS / HCMOS | | **Supply Voltage (Vcc)** | Usually 3.3V (standard for the "3V" designation) | | **Frequency Stability** | Generally ±50ppm or better (application specific) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Pullability Range** | ±100ppm minimum (via control voltage) | --- ### Key Internal Components The "Electronic Parts" of this device consist of a sophisticated micro-circuit encapsulated in a hermetically sealed package: 1. **Quartz Crystal Blank:** The primary resonator that provides the base frequency. 2. **Varactor Diode:** An electronic component that acts as a variable capacitor. By changing the control voltage, the capacitance changes, which "pulls" the crystal frequency slightly higher or lower. 3. **Oscillator IC:** An integrated circuit that manages the feedback loop to keep the crystal vibrating and buffers the output signal. 4. **Bypass Capacitors:** Internal surface-mount capacitors used to filter noise from the power supply line. --- ### Typical Applications Due to its ability to fine-tune its output frequency via an external voltage, the M3V66T2J-R is used in: * **Phase-Locked Loops (PLLs):** To synchronize internal clocks with external data streams. * **Networking Gear:** Switches and routers requiring stable timing for Ethernet protocols. * **Video Equipment:** Used for clock recovery in high-definition digital video signals. * **Wireless Infrastructure:** Base stations and cellular backhaul equipment. --- ### Naming Convention Breakdown (M3V Series) While manufacturers vary, the part number usually decodes as follows: * **M:** Manufacturer series identifier. * **3V:** Indicates a 3.3 Volt power requirement. * **66:** Often refers to the base frequency (e.g., 66.66 MHz). * **T2J:** Specifics regarding temperature range and frequency stability. * **R:** Tape and Reel packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard Crystal Oscillator (XO) and a VCXO like the M3V66T2J-R?
    • ⤷ What are the pin configurations for a standard 6-pin VCXO package?
    • ⤷ How does control voltage affect the output frequency in this component?