データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M56163PE-R

  • AI
    ## Overview of M56163PE-R The **M56163PE-R** is a specialized semiconductor component, typically categorized as a **Laser Diode Driver (LDD)** or a high-speed optical disk controller IC, often manufactured by companies like Renesas (formerly Mitsubishi Electric). These chips are primarily designed for use in optical storage drives (CD/DVD/Blu-ray players and writers). --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Laser Diode Driver (LDD) | | **Main Function** | Controls the intensity and timing of laser pulses | | **Channels** | Multi-channel (supports Read/Write power levels) | | **High Speed** | Designed for high-frequency switching for data burning | | **Packaging** | Usually found in small-footprint surface mount packages (QFN or SSOP) | --- ### 2. Core Electronic Functions The M56163PE-R serves three primary roles within a circuit: 1. **Current Regulation:** It precisely controls the current flowing through the laser diode. Laser diodes are extremely sensitive to current spikes; even a small surge can destroy the component. 2. **Write Strategy Management:** For recording data onto discs, the IC modulates the laser power between "Base," "Erase," and "Peak" levels at nanosecond speeds. 3. **APC (Auto Power Control):** It works in a closed-loop system with a photodiode to monitor the laser's output and adjust the power in real-time to compensate for temperature fluctuations. --- ### 3. Application Areas * **Optical Disc Drives (ODD):** Used in laptops, desktops, and game consoles. * **Laser Projection:** In some specialized low-power scanning systems. * **Data Communications:** Sometimes adapted for short-range optical fiber transmissions. --- ### 4. Safety and Handling Note * **ESD Sensitivity:** Like most high-speed CMOS devices, the M56163PE-R is highly sensitive to Electrostatic Discharge. * **Thermal Management:** Because driving lasers generates heat, the IC often requires a solid thermal pad connection to the PCB ground plane to dissipate energy effectively. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the M56163PE-R?
    • ⤷ Which manufacturers currently produce equivalents for this laser driver?
    • ⤷ How does Auto Power Control (APC) interface with this specific IC?