データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5M5-1W-R

  • AI
    The **M5M5-1W-R** refers to a high-quality series of **isolated DC-DC converters**, typically manufactured by companies like Minmax or similar power solution providers. These components are designed to convert a DC input voltage into a regulated or unregulated DC output voltage while providing electrical isolation. --- ### 1. Key Technical Specifications The "M5" series usually denotes a compact footprint (often SIP - Single Inline Package), while the "1W" indicates the power rating. | Feature | Specification | | :--- | :--- | | **Power Rating** | 1 Watt | | **Input Voltage Range** | Typically 5V, 12V, or 24V DC (±10%) | | **Output Voltage** | Single or Dual outputs (e.g., 5V, 12V, 15V) | | **Isolation Voltage** | 1000V DC to 3000V DC (Model dependent) | | **Efficiency** | 70% to 80% | | **Package Style** | SIP-4 or SIP-7 (Single Inline Package) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Component Structure The internal circuitry of an M5M5-1W-R consists of several critical stages: 1. **Oscillator/Switching Circuit:** Converts the DC input into a high-frequency AC signal. 2. **Transformer:** Provides the "Galvanic Isolation" between the input and output stages, preventing noise or high-voltage spikes from crossing over. 3. **Rectification & Filtering:** Converts the AC back to DC and uses capacitors to smooth out ripples for a stable output. --- ### 3. Common Applications These parts are essential in industrial and electronic design for: * **Ground Loop Elimination:** Breaking ground loops in sensitive analog circuits to prevent noise. * **Voltage Level Shifting:** Providing a local 5V rail from a 12V system. * **Digital Isolation:** Powering the "isolated side" of RS-485 or CAN bus transceivers. * **Medical Equipment:** Ensuring patient safety by isolating power from the main grid. --- ### 4. Circuit Implementation Example Below is a basic representation of how this component is integrated into a PCB layout. ```c // Typical Pin Configuration (SIP-4 Package) // Pin 1: -Vin (GND Input) // Pin 2: +Vin (Positive Input) // Pin 3: -Vout (GND Output/Isolated) // Pin 4: +Vout (Positive Output/Isolated) [Input Filter Capacitor] -> [M5M5-1W-R] -> [Output Filter Capacitor] 1uF - 10uF 1uF - 10uF ``` --- ### 5. Selection Considerations * **Unregulated vs. Regulated:** Most 1W converters are *unregulated*, meaning the output voltage might fluctuate slightly based on the load. * **Minimum Load:** These parts often require a minimum load (usually 10%) to maintain voltage stability. * **Derating:** At high temperatures (above 71°C), the power output capability decreases.
    ✨ Follow-up Questions
    • ⤷What is the difference between regulated and unregulated DC-DC converters?
    • ⤷ How do I calculate the input capacitor size for a 1W converter?
    • ⤷ Can I use two M5M5-1W-R units in parallel to get 2 Watts?