データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5MV-06-R

  • AI
    The **M5MV-06-R** is a high-performance, ultra-miniature **Surface Mount Device (SMD) fuse** from the M5MV series, typically manufactured by companies like Bel Fuse or similar electronic component specialists. It is designed to provide overcurrent protection in space-constrained electronic circuits. --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the M5MV-06-R: | Characteristic | Specification | | :--- | :--- | | **Current Rating** | 6 Amperes (A) | | **Voltage Rating (AC/DC)** | 125V AC / 125V DC | | **Fuse Type** | Fast-Acting / Quick Acting | | **Package / Case** | 1206 (3216 Metric) | | **Interrupting Rating** | 50A @ 125V AC/DC | | **Operating Temperature** | -55°C to +125°C | | **Termination Style** | SMD/SMT (Solder Pads) | --- ## 2. Key Features * **Form Factor:** The "1206" footprint (3.2mm x 1.6mm) makes it ideal for dense PCB layouts where vertical space is limited. * **Fast-Acting Response:** Designed to open quickly under overload conditions, protecting sensitive downstream semiconductors (ICs, MOSFETs). * **High Reliability:** Usually features a ceramic body construction with gold or silver-plated end caps for excellent solderability and corrosion resistance. * **RoHS Compliant:** Lead-free and environmentally friendly for modern manufacturing standards. --- ## 3. Typical Applications The M5MV-06-R is commonly found in the following electronic sectors: * **Consumer Electronics:** Laptops, tablets, and digital cameras. * **Power Supplies:** DC-DC converters and battery management systems (BMS). * **Industrial:** Small motor control circuits and PLC I/O protection. * **Telecommunications:** Network interface cards and wireless base stations. --- ## 4. Implementation Example When designing a PCB for this fuse, use the following landing pattern logic: ```c // Example Pad Dimensions for 1206 SMD Fuse Pad_Width = 1.80mm; Pad_Length = 1.05mm; Gap_Between_Pads = 1.70mm; ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a slow-blow fuse in this package size?
    • ⤷ How does temperature derating affect the 6A rating of the M5MV-06-R?
    • ⤷ What are the common failure modes for SMD fuses like the M5MV series?