データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5PA-C0-R

  • AI
    The **M5PA-C0-R** is a specific industrial control component, typically identified as a **Limit Switch Operating Head** or an **Actuator** within the industrial automation sector (most commonly associated with brands like Omron or specific modular limit switch series). Below is a breakdown of its electronic and mechanical specifications. --- ### 1. General Overview The M5PA-C0-R is not a standalone electronic sensor but rather the **actuating mechanism** (the "head") that sits on top of a limit switch body. It converts physical movement into a mechanical force that triggers the electrical contacts inside the switch block. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Operating Head / Actuator | | **Actuator Style** | Roller Plunger (Top Roller) | | **Material** | Typically Metal or High-Durability Resin | | **Compatibility** | M5 Series Limit Switch Bodies | | **Environmental Rating** | Often IP65/IP67 (when assembled with body) | | **Operating Direction** | Vertical (Top-down) or Lateral (Side-swipe) | --- ### 3. Key Electronic/Mechanical Functions #### A. The Actuation Mechanism As a **Roller Plunger**, this part is designed to be triggered by a "cam" or a moving object passing over it. The roller reduces friction, allowing for smoother operation and a longer lifespan compared to a static pin plunger. #### B. Electrical Integration While the head itself carries no current, its internal "pin" interacts with the **Contact Block** in the switch body. * **Pre-travel (PT):** The distance the roller must be depressed before the electrical contacts change state. * **Operating Force (OF):** The amount of physical pressure required to trigger the internal switch. #### C. Reliability Features * **Reset Spring:** Contains an internal return spring to ensure the actuator returns to the "Open" position immediately after the trigger object passes. * **Sealability:** Includes a rubber boot or gasket to prevent oil, water, or dust from entering the electrical contact chamber of the base unit. --- ### 4. Application Example ```mermaid graph LR A[Moving Machine Part] --> B(M5PA-C0-R Roller) B --> C{Mechanical Plunger} C --> D[Switch Contact Block] D --> E[PLC / Stop Signal] ``` ### 5. Maintenance and Usage * **Lubrication:** The roller bearing may require occasional dry-lube depending on the environment. * **Alignment:** Ensure the cam hitting the roller is aligned to avoid "side-loading," which can snap the plunger. * **Compatibility:** Must be paired with the correct base series (e.g., M5 series bodies) to ensure the stroke length matches the contact trigger point. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a roller plunger and a cross-roller plunger?
    • ⤷ Which limit switch bodies are compatible with the M5PA-C0-R?
    • ⤷ What are the torque specifications for mounting this actuator head?