データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R13TP-R

  • AI
    The **M5R13TP-R** is a specific model of an **M12 Circular Connector**, typically used in industrial automation, robotics, and sensor applications. It falls under the category of interconnect components rather than active semiconductors. ### 1. General Specifications Below is a breakdown of the technical characteristics typically associated with this part number: | Feature | Specification | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Gender** | Female (Socket) | | **Coding** | A-Coded (Standard for sensors/actuators) | | **Mounting Type** | Rear Panel Mount / PCB Mount | | **Number of Pins** | 5-Pin (Standard configuration) | | **Termination** | Solder or Dip (PCB) | | **IP Rating** | IP67 / IP68 (Waterproof when mated) | --- ### 2. Key Electronic Components & Materials The M5R13TP-R is composed of several critical materials that define its electrical performance: * **Contacts:** Usually made of **Phosphor Bronze or Brass** with **Gold Plating**. Gold plating is used to prevent oxidation and ensure low contact resistance over time. * **Insulator (Core):** Typically made of **PA66 (Nylon)** or **PBT** plastic. These materials have high dielectric strength to prevent arcing between pins. * **Shell/Housing:** Often constructed from **Nickel-plated Brass** or **Zinc Alloy**, providing mechanical durability and EMI shielding. * **Sealing:** Includes an **O-ring** (usually NBR or Viton) to ensure an airtight and watertight seal against the panel. --- ### 3. Electrical Ratings In a standard industrial environment, this part operates within the following parameters: | Parameter | Value | | :--- | :--- | | **Rated Voltage** | 60V AC / DC | | **Rated Current** | 4A per contact | | **Contact Resistance** | $\leq 5 m\Omega$ | | **Insulation Resistance** | $\geq 100 M\Omega$ | | **Operating Temperature** | -25°C to +85°C | --- ### 4. Common Applications * **Industrial Sensors:** Connecting Proximity, Photoelectric, or Ultrasonic sensors to a PLC. * **Actuators:** Powering small solenoid valves or motors. * **Data Transmission:** Used in DeviceNet or IO-Link communication architectures. * **Robotics:** Providing modular connections for robotic arms and end-effectors. --- ### 5. Pinout Diagram (Standard A-Coding) While you should always consult the specific manufacturer's datasheet, the standard 5-pin M12 A-coded pinout is generally: 1. **Brown:** +24V DC 2. **White:** Digital Input/Output (Secondary) 3. **Blue:** 0V / Ground 4. **Black:** Digital Input/Output (Primary) 5. **Gray:** Not connected or Functional Earth
    ✨ Follow-up Questions
    • ⤷ What is the difference between A-coded and B-coded M12 connectors?
    • ⤷ How does the IP67 rating protect the internal electronic pins?
    • ⤷ Can this connector be used for high-speed Ethernet data transmission?