データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R13XP-R

  • AI
    The **M5R13XP-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits, particularly for voltage regulation and filtering. --- ### 1. Technical Specifications While specific manufacturers (like Sumida or Murata) may have slight variations, a part with this nomenclature generally follows these specifications: | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Inductance Value** | Typically 1.3 µH (indicated by the "13") | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Tolerance** | Usually ±20% (Standard for power inductors) | | **Core Material** | Ferrite or Metal Composite | | **Shielding** | Magnetically Shielded (reduces EMI) | --- ### 2. Key Electronic Functions The M5R13XP-R serves three primary roles within an electronic assembly: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Suppression:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise and ripples. 3. **Current Smoothing:** It prevents sudden changes in current, ensuring a stable power supply to sensitive components like CPUs or FPGAs. --- ### 3. Physical Attributes The alphanumeric code "M5R" often refers to the package size or series. * **Dimensions:** Usually a compact footprint (e.g., 5mm x 5mm or similar), designed for high-density PCB layouts. * **Construction:** Features a wire-wound coil encased in a protective, magnetic housing to prevent interference with neighboring components. --- ### 4. Common Applications You will most frequently find the M5R13XP-R in the following devices: * **Laptops/Tablets:** Inside the Point-of-Load (POL) converters. * **Smartphone Chargers:** For efficient power conversion. * **Networking Gear:** Routers and switches that require stable 3.3V or 5V rails. * **Automotive Electronics:** Infotainment systems and sensor modules. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M5R13XP-R?
    • ⤷ Can this inductor be replaced by a 1.5 µH alternative?
    • ⤷ How does magnetic shielding affect the performance of this part?