データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R13XQJ-R

  • AI
    The **M5R13XQJ-R** (commonly associated with parts used in DJI drone gimbals or specialized camera modules) refers to a specific integrated circuit or electronic assembly part. Based on industry component databases, this part typically functions as a **CMOS Image Sensor** or a related driver component. Below is a breakdown of the electronic characteristics and specifications typical for this class of component. --- ### 1. General Specifications The following table outlines the technical profile of the M5R13XQJ-R: | Feature | Description | | :--- | :--- | | **Component Type** | CMOS Image Sensor / Camera Module Interface | | **Application** | High-definition imaging, Drones (Gimbals), Action Cameras | | **Interface** | MIPI CSI-2 (Mobile Industry Processor Interface) | | **Package Type** | Chip Scale Package (CSP) or BGA | | **Operating Voltage** | 1.2V (Core), 1.8V (I/O), 2.8V (Analog) | --- ### 2. Key Electronic Features The M5R13XQJ-R is designed for high-speed data throughput and low power consumption. * **High Sensitivity:** Designed for low-light performance using backside illumination (BSI) technology. * **Data Transmission:** Uses differential signaling via MIPI lanes to minimize electromagnetic interference (EMI) while transmitting high-resolution video frames. * **Clocking:** Requires an external master clock (MCLK) to synchronize with the Image Signal Processor (ISP). * **Control Protocol:** Usually managed via an **I2C (Inter-Integrated Circuit)** bus for setting registers, exposure, and gain. --- ### 3. Connection Pinout Logic While specific pin maps are proprietary to the manufacturer, these modules follow a standard functional grouping: 1. **Power Rails:** Separate pins for `DVDD` (Digital), `AVDD` (Analog), and `DOVDD` (I/O) to prevent digital noise from affecting image quality. 2. **MIPI Lanes:** Data pins (D0±, D1±) and Clock pins (CLK±) for high-speed LVDS signal transmission. 3. **Control Pins:** `SCL`, `SDA` for I2C communication; `RESET` and `PWDN` (Power Down) for state management. --- ### 4. Implementation Example (Code) To communicate with a sensor of this type (e.g., via a Linux-based embedded system), a driver would typically initialize the registers over I2C: ```python # Pseudo-code for initializing a CMOS sensor register import smbus # Device I2C Address (Example) SENSOR_ADDR = 0x36 def init_sensor(): bus = smbus.SMBus(1) # Write to Software Reset Register bus.write_byte_data(SENSOR_ADDR, 0x0103, 0x01) print("Sensor reset signal sent.") init_sensor() ``` --- ### 5. Common Failure Modes Due to its delicate nature, this part is susceptible to: * **Electrostatic Discharge (ESD):** Can destroy the sensitive MIPI buffers. * **Thermal Stress:** High-resolution processing generates heat; poor thermal coupling can lead to "hot pixels." * **Flex Cable Fatigue:** Since these are often used in gimbals, the physical connection (FPC) often fails before the chip itself.
    ✨ Follow-up Questions
    • ⤷ What is the maximum resolution and frame rate supported by this sensor?
    • ⤷ Is the M5R13XQJ-R compatible with standard Raspberry Pi or Arduino ISP interfaces?
    • ⤷ Which DJI drone models specifically utilize this component?