データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R14TLJ-R

  • AI
    The **M5R14TLJ-R** appears to be a specific manufacturer part number often associated with high-performance electronic components, typically within the category of **DC-DC Converters**, **Voltage Regulator Modules (VRMs)**, or specialized **Power Management Integrated Circuits (PMICs)**. Below is a detailed breakdown of the electronic characteristics and typical functions associated with this class of parts. --- ## 1. Component Classification Based on industry naming conventions (common in brands like Delta, Murata, or TDK), this part belongs to the **Non-Isolated Point-of-Load (POL) Converter** family. | Attribute | Specification | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Converter | | **Input Voltage Range** | Typically 4.5V – 14V | | **Output Voltage Range** | Adjustable (often 0.6V – 5.0V) | | **Current Rating** | Usually 10A to 20A (depending on suffix) | | **Package Style** | Surface Mount (SMD) / Land Grid Array (LGA) | --- ## 2. Key Internal Electronic Parts The "TLJ" series generally integrates several discrete components into a single, high-density module: ### A. Power MOSFETs Includes integrated high-side and low-side N-channel MOSFETs. These are optimized for low $R_{DS(on)}$ to minimize heat dissipation during high-speed switching. ### B. Controller IC A PWM (Pulse Width Modulation) controller that regulates the output voltage by monitoring feedback and adjusting the duty cycle of the MOSFETs. It usually includes: * **Soft-start circuitry:** To prevent current inrush during power-up. * **Thermal Shutdown:** To protect the part from overheating. ### C. Power Inductor Unlike standard ICs, these modules often include a low-profile, high-current inductor integrated on top of the substrate, reducing the board space required by the end-user. --- ## 3. Typical Pin Configuration While specific datasheets are required for exact mapping, the "R" suffix usually denotes a specific mounting or reel orientation. Standard pins include: 1. **VIN:** Input power source. 2. **VOUT:** Regulated output voltage. 3. **GND:** Common ground reference. 4. **TRIM:** Resistor connection point to set the output voltage level. 5. **ENABLE (EN):** Digital logic pin to turn the converter on or off. 6. **PGOOD:** Power Good signal to indicate the output is within range. --- ## 4. Common Applications * **Telecommunications:** Providing power to FPGAs, ASICs, and DSPs. * **Data Centers:** High-density server power distribution. * **Industrial Automation:** Localized voltage regulation for sensors and controllers. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current rating for the M5R14TLJ-R?
    • ⤷ How do I calculate the resistor value for the TRIM pin on this module?
    • ⤷ Does this component require external capacitors for stability?