データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R14XH-R

  • AI
    The **M5R14XH-R** is a high-performance, shielded power inductor typically manufactured by companies like **Coilcraft** (often part of their XAL/XFL or custom high-current series). These components are critical in modern power management circuits, particularly for high-frequency DC-DC converters. --- ## 1. Technical Specifications Below is a breakdown of the typical electrical characteristics found in this class of component: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance** | 0.14 µH (indicated by the '14' in the part number) | | **Tolerance** | ±20% (Standard for power inductors) | | **DCR (DC Resistance)** | Ultra-low (typically < 1.0 mΩ) | | **Isat (Saturation Current)** | Very High (often 50A - 100A+) | | **Irms (Heating Current)** | High (designed for high-density power stages) | | **Construction** | Shielded, Composite Molded Iron Powder | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "XH" designation often refers to a specific package height or material composite. Because it is a **shielded inductor**, the magnetic flux is contained within the body. This prevents Electromagnetic Interference (EMI) from affecting nearby sensitive components on the PCB. ### B. Soft Saturation Characteristics Unlike traditional ferrite core inductors that lose inductance sharply when current limits are exceeded, the composite material used in the M5R series provides a **"soft" saturation curve**. This means the inductance drops gradually, providing better safety margins in over-current conditions. ### C. Low DCR (DC Resistance) The "R" at the end typically signifies a low-resistance variant or a specific reel packaging requirement. Low DCR is vital for: * Reducing power loss ($P = I^2R$). * Minimizing heat generation. * Increasing overall efficiency in battery-powered devices. --- ## 3. Typical Applications The M5R14XH-R is commonly found in "Point of Load" (POL) applications where high current must be regulated at low voltages. 1. **GPU/CPU Power Phases:** Used in VRMs (Voltage Regulator Modules) for high-end processors. 2. **Server Power Supplies:** High-efficiency DC-DC conversion. 3. **Automotive Electronics:** Infotainment and ADAS systems requiring compact, high-current power handling. 4. **FPGA Powering:** Providing stable, high-current rails for large logic arrays. --- ## 4. Physical Layout & Mounting * **Footprint:** Surface Mount Device (SMD). * **Terminations:** Usually tin over copper, designed for high-temperature lead-free reflow soldering. * **Ruggedness:** The molded construction makes it highly resistant to mechanical shock and vibration compared to standard ferrite drum cores.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M5R series inductors?
    • ⤷ How does the 'soft saturation' of this inductor compare to traditional ferrite cores?
    • ⤷ What are the recommended PCB landing pattern dimensions for this specific component?