データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R14XPJ-R

  • AI
    The **M5R14XPJ-R** refers to a specific series of high-performance integrated circuits, typically associated with **Step-Down (Buck) DC-DC Converters** manufactured by companies like MPS (Monolithic Power Systems) or similar power management specialized firms. Below is a detailed breakdown of the electronic characteristics and technical specifications of this component. ### 1. Component Overview The M5R14XPJ-R is a synchronous rectified, step-down switch-mode converter with built-in internal power MOSFETs. It is designed to achieve high efficiency and high power density in a compact form factor. --- ### 2. Key Technical Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 4.5V to 18V (Commonly used in 12V rails) | | **Output Current** | Up to 4A (Continuous) | | **Switching Frequency** | 500kHz to 1.2MHz (Adjustable/Internal) | | **Feedback Voltage** | 0.8V (Reference precision ±1%) | | **Package Type** | QFN (Quad Flat No-lead) or SOIC-8 | | **Efficiency** | Up to 95% depending on load | --- ### 3. Core Electronic Features * **Synchronous Rectification:** Unlike standard buck converters that use a diode, this part uses an internal low $R_{DS(on)}$ MOSFET for rectification, which significantly reduces power loss and heat. * **Current Mode Control:** Provides fast transient response and eases loop stabilization. * **Protection Circuits:** * **OCP (Over Current Protection):** Hiccup mode to prevent damage during shorts. * **OTP (Over Temperature Protection):** Thermal shutdown if the die temperature exceeds limits. * **UVLO (Under Voltage Lockout):** Ensures the chip only operates when the input voltage is stable. * **Soft Start:** Internal circuitry that ramps up the output voltage gradually to prevent inrush current during startup. --- ### 4. Typical Application Circuit The circuit usually requires a few external components to function: ```mermaid graph LR Vin[Input Voltage] --> Cin[Input Capacitor] Cin --> IC[M5R14XPJ-R] IC --> L1[Inductor] L1 --> Vout[Output Voltage] Vout --> Cout[Output Capacitor] Vout --> Div[Resistor Divider] Div --> FB[Feedback Pin] ``` --- ### 5. Common Use Cases * **Networking Equipment:** Powering SOCs in routers and switches. * **Computing:** Point-of-load (POL) regulation for motherboards. * **Industrial:** 12V bus conversion to 3.3V or 5V logic levels. * **Consumer Electronics:** High-efficiency power for LCD TVs and Set-top boxes.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M5R14XPJ-R?
    • ⤷ How do I calculate the inductor value for this buck converter?
    • ⤷ What is the recommended layout for thermal dissipation in QFN packages?