データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R15ZP-R

  • AI
    The **M5R15ZP-R** is a specific electronic component, typically categorized as a **Metal Oxide Varistor (MOV)** manufactured by Maida Development Company. These components are primarily used for surge suppression and overvoltage protection in electronic circuits. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Disc Diameter** | 15 mm | | **Lead Style** | Radial Leads (Straight or Crimped) | | **Voltage Rating (Vrms)** | Approx. 130V - 150V (Standard for "15ZP" series) | | **Energy Absorption** | High Joule rating for transient suppression | | **Packaging** | Bulk or Tape & Reel (indicated by suffix) | --- ### 2. Physical Construction The M5R15ZP-R is constructed using specialized materials to handle high-energy transients: * **Core Material:** Zinc Oxide (ZnO) grains mixed with other metal oxide additives (like cobalt or manganese). * **Encapsulation:** Coated with a flame-retardant epoxy resin (usually blue or red). * **Terminals:** Two tinned copper wires protruding from the bottom (Radial). --- ### 3. Functional Operation The device acts as a **Voltage-Dependent Resistor**. Its behavior can be summarized in the following states: 1. **Normal State:** When the voltage is below the clamping threshold, the MOV has very high resistance and acts as an open circuit, drawing negligible current. 2. **Surge State:** When a high-voltage spike (like a lightning strike or inductive switching) occurs, the MOV's resistance drops instantly. 3. **Clamping:** It shunts the excess current to the ground or neutral, limiting the voltage across sensitive components to a safe level. --- ### 4. Common Applications Due to its 15mm size, it is a medium-duty protector found in: * **Power Supplies:** Protecting AC input stages of SMPS. * **Consumer Electronics:** Televisions, monitors, and home appliances. * **Industrial Controls:** Protecting PLCs and relay logic circuits from inductive kickback. * **Telecom:** Surge protection for line interfaces. --- ### 5. Identification Code Breakdown While full datasheets are proprietary, the code generally breaks down as follows: | Code Segment | Meaning | | :--- | :--- | | **M** | Maida Brand Identifier | | **5R** | Series/Material type (Standard Zinc Oxide) | | **15** | Disc diameter (15mm) | | **ZP** | Voltage/Tolerance Characteristic code | | **-R** | RoHS Compliant (Lead-free) |
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current rating for a 15mm Maida MOV?
    • ⤷ How does an MOV differ from a TVS diode in circuit protection?
    • ⤷ What are the common failure modes for the M5R15ZP-R?