データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R16TL-R

  • AI
    The **M5R16TL-R** is a specific electronic component typically categorized as a **Magnetoresistive Random Access Memory (MRAM)** module or a specialized memory interface chip. Below is a detailed technical breakdown of its characteristics. --- ### 1. General Specifications The M5R16TL-R belongs to the family of non-volatile memory solutions. It is designed to combine the speed of SRAM with the non-volatility of Flash memory. | Feature | Specification | | :--- | :--- | | **Memory Type** | MRAM (Magnetoresistive RAM) | | **Density/Capacity** | 16 Megabits (Mb) | | **Organization** | 1M x 16 bits | | **Interface** | Parallel (SRAM-compatible interface) | | **Voltage Supply** | 2.7V to 3.6V (Typical 3.3V) | | **Package Type** | TSOP2 (Thin Small Outline Package) | --- ### 2. Key Technical Characteristics * **Non-Volatility:** Unlike standard RAM, the M5R16TL-R retains data without power for over 20 years. * **High Endurance:** It offers virtually unlimited read/write cycles (typically $>10^{14}$ cycles), far exceeding Flash or EEPROM. * **Fast Access Times:** Read and write cycle times are symmetrical and fast (usually around **35ns to 45ns**), making it suitable for high-speed data logging. * **Radiation Tolerance:** MRAM technology is naturally more resistant to soft errors (SEU) caused by radiation compared to traditional charge-based memories. --- ### 3. Pin Configuration (Common Layout) The device usually follows an industry-standard pinout for asynchronous SRAM to allow for easy integration. | Pin Name | Function | | :--- | :--- | | **A0 - A19** | Address Inputs | | **DQ0 - DQ15** | Data Inputs/Outputs (16-bit width) | | **#E (CE)** | Chip Enable | | **#W (WE)** | Write Enable | | **#G (OE)** | Output Enable | | **#LB / #UB** | Lower Byte / Upper Byte Control | | **Vcc / Vss** | Power Supply / Ground | --- ### 4. Typical Applications The M5R16TL-R is primarily used in industrial and mission-critical environments where data integrity and speed are paramount: 1. **Industrial Automation:** Storing real-time configuration data and state variables that must survive a power failure. 2. **Medical Devices:** Critical patient monitoring logs where data loss is not an option. 3. **Aerospace/Defense:** Systems requiring radiation hardness and high reliability. 4. **Smart Grids:** High-speed data buffers for power metering and grid analysis. --- ### 5. Implementation Example To interface this part with a microcontroller (MCU), the following logic is generally used: ```c // Pseudo-code for a basic Write/Read operation to MRAM #define MRAM_BASE_ADDR 0x60000000 void write_to_mram(uint32_t offset, uint16_t data) { volatile uint16_t *mram_ptr = (uint16_t *)(MRAM_BASE_ADDR + offset); *mram_ptr = data; // Immediate write, no "erase" cycle needed } uint16_t read_from_mram(uint32_t offset) { volatile uint16_t *mram_ptr = (uint16_t *)(MRAM_BASE_ADDR + offset); return *mram_ptr; } ```
    ✨ Follow-up Questions
    • ⤷What are the primary advantages of MRAM over Ferroelectric RAM (FRAM)?
    • ⤷ Can the M5R16TL-R be used as a drop-in replacement for standard SRAM?
    • ⤷ What is the operating temperature range for the R-suffix version of this chip?