データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R16XP-R

  • AI
    ## M5R16XP-R Overview The **M5R16XP-R** is a specialized electronic component, typically classified as a **Relay Module** or a specific **Logic/Interface component** depending on the manufacturer (often associated with industrial automation or power management). Based on standard electronic nomenclature for this series, here is the technical breakdown: ### 1. Component Specification Table | Feature | Specification | | :--- | :--- | | **Component Type** | Electromechanical Relay / Terminal Block Relay | | **Input Voltage** | Typically 5V DC to 24V DC (varies by sub-model) | | **Output Type** | SPDT (Single Pole Double Throw) or SPST | | **Contact Rating** | Usually up to 16A at 250VAC | | **Mounting Type** | DIN Rail or PCB Mount | | **Protection** | Built-in Flyback Diode / LED Indicator | --- ### 2. Key Internal Electronic Parts The M5R16XP-R consists of several critical sub-components that work together to provide isolation and switching capabilities: * **Electromagnetic Coil:** The "input" side. When current flows through the coil, it creates a magnetic field that pulls a mechanical armature. * **Contacts (AgSnO2 or AgNi):** The "output" side. High-quality silver-based alloys are used to prevent arcing and ensure long life during high-current switching (up to 16A). * **Flyback Diode:** A protective diode connected across the coil to dissipate voltage spikes when the coil is de-energized, protecting the driving circuitry (like a PLC or Microcontroller). * **LED Status Indicator:** A small surface-mount LED used to provide visual feedback that the relay is energized. * **Isolation Barrier:** High-grade plastic housing designed to provide several thousand volts of galvanic isolation between the low-voltage control side and the high-voltage load side. --- ### 3. Connection Pinout/Logic Typically, these modules follow a standard interface pattern: ```text Input Side: [+] VCC (Control Signal) [-] GND (Common) Output Side: [COM] Common Terminal [NO] Normally Open (Closes when energized) [NC] Normally Closed (Opens when energized) ``` ### 4. Typical Applications * **PLC Interfacing:** Using low-current PLC outputs to switch heavy industrial loads. * **HVAC Control:** Switching motors, fans, or heating elements. * **Automation:** Actuating solenoids and pneumatic valves. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum switching frequency for the M5R16XP-R?
    • ⤷ Does this model support AC or DC control signals?
    • ⤷ How do I test the coil resistance of this relay?