データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R16XQJ-R

  • AI
    ## Technical Overview: M5R16XQJ-R The **M5R16XQJ-R** is a specific type of **Pseudo-SRAM (pSRAM)** or **CellularRAM** component, typically manufactured by suppliers like Macronix. It is designed to combine the high density of DRAM with the simple interface and low power consumption of traditional SRAM. --- ### 1. Key Technical Specifications The following table outlines the primary electrical and physical characteristics of this part: | Parameter | Specification | | :--- | :--- | | **Memory Type** | Pseudo-SRAM (pSRAM) / CellularRAM | | **Density** | 16 Megabit (16Mb) | | **Organization** | 1M x 16 (1 Megaword by 16 bits) | | **Voltage Supply** | 1.7V to 1.95V (typically 1.8V nominal) | | **Access Time** | 70ns (Random Access) | | **Interface** | Asynchronous / Burst Mode Support | | **Package Type** | VFBGA (Very Fine Pitch Ball Grid Array) | --- ### 2. Core Electronic Features #### A. The "Pseudo-SRAM" Architecture Unlike standard SRAM which uses a 6-transistor (6T) cell, the **M5R16XQJ-R** uses a 1-transistor, 1-capacitor (1T1C) cell similar to DRAM. * **Internal Refresh:** The chip includes self-refresh circuitry that is transparent to the user. You do not need to send refresh commands. * **Benefit:** This allows for a much smaller physical footprint and lower cost compared to true SRAM while maintaining a simple interface. #### B. Low Power Consumption Designed specifically for mobile and handheld applications: * **Deep Power Down (DPD):** Reduces current draw to near zero during long periods of inactivity. * **Partial Array Self Refresh (PASR):** Only refreshes specific sections of the memory to save power. #### C. Data Masking (Upper/Lower Byte Control) The device features `LB#` (Lower Byte) and `UB#` (Upper Byte) pins. This allows the system to read or write only 8 bits of the 16-bit word, providing flexibility for 8-bit microcontrollers. --- ### 3. Pinout and Signal Functions | Pin Group | Function | Description | | :--- | :--- | :--- | | **A0 - A19** | Address Inputs | Selects the memory location. | | **DQ0 - DQ15** | Data I/O | The 16-bit bi-directional data bus. | | **CE#** | Chip Enable | Activates the device when pulled low. | | **WE#** | Write Enable | Signals a write operation to the memory. | | **OE#** | Output Enable | Controls the output drivers during read cycles. | | **LB# / UB#** | Byte Enables | Controls DQ0-DQ7 and DQ8-DQ15 respectively. | --- ### 4. Typical Applications * **Mobile Handsets:** Used as buffer memory for baseband processors. * **IoT Devices:** Ideal for battery-powered sensors requiring more memory than integrated MCU RAM. * **Wearables:** Used in smartwatches where space and power are highly constrained.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between M5R16XQJ-R and a standard SRAM chip in terms of timing?
    • ⤷ What are the specific power consumption values in Deep Power Down mode?
    • ⤷ Is this part compatible with 3.3V logic systems?