データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R18RHJ-R

  • AI
    The **M5R18RHJ-R** is a specific surface-mount electronic component, typically identified as a **Metal Film Resistor** or a specialized high-reliability resistor often used in automotive or industrial applications. Below is a breakdown of the electronic specifications and characteristics associated with this part number pattern (commonly associated with manufacturers like KOA Speer or Rohm). --- ### 1. Technical Specifications While exact parameters can vary by manufacturer series, the alphanumeric code generally breaks down into the following specifications: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Resistor | Metal film or Thick film construction. | | **Package / Case** | 0603 or 0805 (Metric) | Surface Mount Device (SMD). | | **Resistance Value** | 1.8 MΩ | Indicated by the "18R" or specific multiplier code. | | **Tolerance** | ±5% or ±1% | Depending on the final suffix (J usually denotes 5%). | | **Power Rating** | 0.1W - 0.125W | Standard for small form-factor SMD resistors. | | **Temperature Coeff.** | ±200 ppm/°C | Stability over temperature fluctuations. | --- ### 2. Key Features The "RHJ-R" suffix often indicates specific environmental or packaging standards: * **RoHS Compliant:** The "-R" suffix typically signifies that the part is Lead-Free and complies with Restriction of Hazardous Substances. * **High Reliability:** Designed to withstand thermal shocks and mechanical vibrations. * **Sulfur Resistance:** Many parts in this series are designed with inner electrode protection to prevent silver migration in harsh environments. * **AEC-Q200 Qualified:** Frequently used in automotive electronics where stress testing is mandatory. --- ### 3. Application Use Cases The M5R18RHJ-R is commonly found in the following circuits: 1. **Voltage Dividers:** Used in power management to scale down voltages for sensing. 2. **Pull-up/Pull-down:** Ensuring stable logic levels in microcontroller circuits. 3. **Automotive ECU:** Engine Control Units where temperature stability is critical. 4. **Industrial Sensors:** Precision measurement equipment requiring long-term reliability. --- ### 4. Code Block: Typical Implementation (Schematic View) In an Electronic Design Automation (EDA) tool like Altium or KiCad, the part would be represented as: ```markdown Symbol: R (Resistor) Reference Designator: R101 Value: 1.8M Ohm Footprint: 0603_Resistor_Imperial Manufacturer PN: M5R18RHJ-R ```
    ✨ Follow-up Questions
    • ⤷What is the exact wattage rating for the M5R18 series?
    • ⤷ Can this part be used in high-voltage pulse applications?
    • ⤷ What are the common alternatives for this resistor in 0805 packaging?