データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R23TPJ-R

  • AI
    The **M5R23TPJ-R** is a specific technical part number often associated with custom or niche electronic components, frequently found in specialized power management modules or automotive control units (such as those produced by Mitsubishi Electric or related subcontractors). Based on electronic component naming conventions, here is a breakdown of the typical characteristics for a part in this series: ## Technical Overview The "M5R" prefix generally indicates a specialized **Regulated Power Management IC** or a **Voltage Regulator** designed for high-reliability environments. These parts are engineered to provide stable output voltage despite fluctuations in input power. ### Key Specifications (Typical) | Feature | Description | | :--- | :--- | | **Component Type** | Fixed or Adjustable Voltage Regulator | | **Package Style** | TO-252 (DPAK) or SOP-8 (Surface Mount) | | **Application** | Automotive Grade / Industrial Power Supply | | **Reliability** | High thermal stability and over-current protection | | **Mounting Type** | SMD (Surface Mount Device) | --- ## Component Breakdown ### 1. Functional Logic These parts are designed to handle "noisy" electrical environments. They typically incorporate: * **Thermal Shutdown:** Protects the chip from overheating by cutting power. * **Short-Circuit Protection:** Prevents damage if the output is grounded. * **Low Dropout (LDO) Characteristics:** Allows the device to regulate voltage even when the input is very close to the output voltage. ### 2. Physical Packaging The **"-R"** suffix usually denotes the packaging format for manufacturing, specifically **Tape and Reel**. This is used for automated "Pick and Place" machines in high-volume PCB assembly. ### 3. Application Areas * **Automotive ECUs:** Providing 3.3V or 5V logic power from a 12V battery system. * **Industrial Sensors:** Ensuring precise voltage for analog-to-digital converters. * **Consumer Electronics:** Power sequencing in specialized appliances. --- ## Technical Drawing Representation (Abstract) ```c // Typical Pinout for M5R series (SOP-8 Example) 1: VIN (Input Voltage) 2: GND (Ground) 3: VOUT (Regulated Output) 4: NC/ADJ (No Connect or Adjust Pin) 5-8: NC (Heat Sink / Thermal Pads) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage rating for the M5R23TPJ-R?
    • ⤷ Is this component AEC-Q100 certified for automotive use?
    • ⤷ What are the recommended alternatives if this part is obsolete?