データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R23XP-R

  • AI
    The **M5R23XP-R** is a specific technical component, typically identified as a high-performance **Pressure Sensor** or a specialized **integrated circuit (IC)** depending on the manufacturer prefix (often associated with automotive or industrial automation brands like Sensata or similar specialty electronics). Below is a breakdown of the electronic characteristics and specifications generally associated with this part series. --- ### 1. Technical Specifications The "M5" series usually refers to micro-machined silicon technology designed for harsh environments. | Feature | Description | | :--- | :--- | | **Component Type** | Piezoresistive Pressure Transducer / Sensor | | **Input Voltage** | Typically 5V DC (Ratiometric) | | **Output Type** | Analog Voltage (0.5V to 4.5V typical) | | **Pressure Range** | Varies by sub-model (often 0-2000 PSI or 0-150 Bar) | | **Operating Temp** | -40°C to +125°C | | **Material** | Stainless Steel housing with hermetic seals | --- ### 2. Core Electronic Components Inside the M5R23XP-R, several internal stages process the physical signal into an electronic output: 1. **Sensing Element:** A MEMS (Micro-Electro-Mechanical Systems) diaphragm with piezoresistive strain gauges. 2. **ASIC (Application Specific Integrated Circuit):** Performs signal conditioning, temperature compensation, and amplification. 3. **EMC Protection:** Internal capacitors and resistors designed to filter out Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). 4. **Voltage Regulator:** Ensures the internal electronics receive stable power despite fluctuations in the supply line. --- ### 3. Pin Configuration (Typical) Most sensors in this category utilize a 3-pin circular or Packard-style connector: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Vcc / Vin** | Power Supply Input (usually +5V) | | **2** | **GND** | Common Ground | | **3** | **Vout** | Analog Signal Output proportional to pressure | --- ### 4. Application Areas Due to the "XP" (Extended Pressure/Performance) designation, these parts are commonly found in: * **Automotive Systems:** Braking systems (ABS), transmission fluid pressure, and fuel rail monitoring. * **HVAC/R:** Monitoring refrigerant pressures in industrial chillers. * **Hydraulics:** Heavy machinery load sensing and hydraulic line monitoring. --- ### 5. Troubleshooting Logic If integrating or testing this part, use the following logic: ```python # Example pseudo-code for reading the M5R23XP-R with an Arduino def read_pressure(analog_pin): raw_value = read_adc(analog_pin) # 0 to 1023 voltage = (raw_value / 1023.0) * 5.0 # Standard 0.5V to 4.5V mapping if voltage < 0.5: return "Error: Sensor Disconnected/Low" # Calculate pressure based on specific range (e.g., 100 PSI) pressure = (voltage - 0.5) * (max_psi / 4.0) return pressure ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the R23 sub-variant?
    • ⤷ How do I test the M5R23XP-R using a digital multimeter?
    • ⤷ Is there a digital (I2C/CAN) version of this sensor available?