データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R24ZH-R

  • AI
    The **M5R24ZH-R** is a specific electronic component typically categorized as a **Surface Mount (SMD) Power Inductor**, often associated with brands like Toko (now part of Murata) or similar specialized magnetic component manufacturers. These are commonly used in DC-DC converter circuits for power management. --- ### 1. Technical Specifications While specific datasheets can vary slightly by manufacturer, the M5R series generally follows these parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance** | Usually indicated by the part code (e.g., 2.4µH or similar) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Tolerance** | Typically ±20% (M) | ### 2. Physical Characteristics The "M5R" prefix often refers to the physical footprint and case size. * **Form Factor:** Square or rectangular low-profile design. * **Shielding:** The "Z" in some nomenclature indicates a shielded construction, which prevents magnetic flux from interfering with neighboring components on a dense PCB. * **Packaging:** The "-R" suffix usually denotes "Tape and Reel" packaging, intended for automated pick-and-place assembly lines. ### 3. Typical Applications These parts are designed for high-efficiency power regulation in compact electronics: * **DC-DC Converters:** Stepping voltage up or down in mobile devices. * **Voltage Regulator Modules (VRM):** Used in laptops and motherboards. * **Battery Powered Devices:** Due to their small size and low DC resistance (DCR), which helps preserve battery life. --- ### 4. Circuit Implementation Example In a standard Buck Converter circuit, the M5R24ZH-R would be placed between the switching node and the output capacitor. ```cpp // Logic representation of power flow [Input Voltage] -> [MOSFET Switch] -> [M5R24ZH-R Inductor] -> [V_Out] | [Output Capacitor] | [GND] ``` ### 5. Identification Guide When reading the part number: 1. **M5R:** Series identifier (Physical size/series). 2. **24:** Often represents the inductance value (2.4 microhenries). 3. **ZH:** Internal design code/Material specification. 4. **-R:** Packaging type (Reel). ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives for the M5R24ZH-R inductor?
    • ⤷ How do I calculate the saturation current for this specific part?
    • ⤷ What is the maximum operating temperature for M5R series inductors?