データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R24ZQJ-R

  • AI
    The **M5R24ZQJ-R** is a specific electronic component, typically categorized as a high-performance **Chip Inductor** or **Magnetic Component** used primarily in power management and RF applications. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview This part belongs to the family of surface-mount devices (SMD). It is designed to handle power conversion tasks, filtering noise, or stabilizing voltage in compact electronic circuits. | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Magnetic Core | | **Mounting Type** | SMD (Surface Mount Device) | | **Common Application** | DC-DC Converters, Voltage Regulator Modules (VRM) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### 2. Key Technical Specifications While specific values (like exact Henries) can vary slightly based on the manufacturer's sub-series, the "24" in the part number often relates to its physical dimensions or base inductance value. * **Inductance Value:** Usually specified in Microhenries ($\mu H$). * **Current Rating:** Designed to handle specific saturation currents ($I_{sat}$) and temperature rise currents ($I_{rms}$). * **DC Resistance (DCR):** Optimized to be as low as possible to minimize power loss and heat generation. * **Tolerance:** Typically ±20% or ±10%. --- ### 3. Electronic Functionality The M5R24ZQJ-R serves three primary roles within a circuit: #### A. Energy Storage In switching power supplies, it stores energy in its magnetic field during the "ON" cycle of a transistor and releases it during the "OFF" cycle to maintain a steady output voltage. #### B. Noise Filtering (EMI Suppression) It acts as a low-pass filter, allowing direct current (DC) to pass through while blocking high-frequency electromagnetic interference (EMI) that could damage sensitive components. #### C. Impedance Matching In RF-related circuits, it ensures that the impedance of different stages matches, preventing signal reflection and ensuring maximum power transfer. --- ### 4. Construction and Materials 1. **Core Material:** Usually Ferrite or Metal Alloy powder to provide high saturation flux density. 2. **Winding:** Copper wire wound internally, often shielded to prevent magnetic leakage. 3. **Terminations:** Lead-free (RoHS compliant) tin-plated terminals for reliable soldering. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (footprint) for the M5R24 series?
    • ⤷ How does the saturation current of this part compare to standard ferrite inductors?
    • ⤷ Is there a direct equivalent or cross-reference for this part from other manufacturers?