データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R25RH-R

  • AI
    The **M5R25RH-R** is a specific electronic component, typically categorized as a high-performance **Synchronous Buck Regulator (Step-Down Converter)**. These components are frequently used in power management systems where high efficiency and a compact footprint are required. --- ## Technical Specifications Overview Below are the typical technical characteristics associated with this class of power management IC: | Feature | Description | | :--- | :--- | | **Component Type** | DC-DC Step-Down (Buck) Regulator | | **Input Voltage Range** | Typically 4.5V to 25V (varies by specific series) | | **Output Current** | Capable of delivering up to 5A - 8A (depending on thermal cooling) | | **Switching Frequency** | High frequency (often 500kHz to 1MHz) to allow for small inductors | | **Package Type** | Often QFN or SOP-8 with an exposed thermal pad | | **Efficiency** | Up to 95% at peak loads | --- ## Key Electronic Internal Parts The M5R25RH-R is an integrated circuit (IC) that contains several critical sub-circuits internally: ### 1. Integrated MOSFETs Unlike older regulators that require external transistors, this IC includes both the **High-Side** and **Low-Side MOSFETs**. This reduces the "Bill of Materials" (BOM) and saves PCB space. ### 2. PWM Controller The Pulse Width Modulation (PWM) controller is the "brain." It compares the output voltage against an internal reference and adjusts the duty cycle of the MOSFETs to maintain a stable output voltage. ### 3. Protection Circuitry To ensure longevity and safety, the part includes: * **Over-Current Protection (OCP):** Limits current to prevent burning out during a short circuit. * **Thermal Shutdown (OTP):** Automatically turns off the chip if it exceeds a specific temperature (usually ~150°C). * **Under-Voltage Lockout (UVLO):** Prevents the chip from operating if the input voltage is too low to drive the internal gates properly. ### 4. Feedback Network The **FB (Feedback) pin** is used to set the output voltage. By using two external resistors (a voltage divider), the user can program the IC to output specific voltages like 1.2V, 3.3V, or 5V. --- ## Application Circuit Diagram (Typical) ```mermaid graph LR Vin[Input Voltage] --> IC(M5R25RH-R) IC --> L1[Inductor] L1 --> Vout[Output Voltage] Vout --> C1[Filter Capacitor] Vout -.-> FB[Feedback Loop] FB -.-> IC ``` --- ## Common Use Cases * **Networking Equipment:** Powering routers and switches. * **Industrial PC:** Converting 12V or 24V rails down to CPU core voltages. * **Consumer Electronics:** Set-top boxes and high-definition televisions.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the M5R25RH-R?
    • ⤷ How do I calculate the feedback resistors for a 5V output?
    • ⤷ What is the maximum operating temperature for this component?