データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R25RQJ-R

  • AI
    The **M5R25RQJ-R** is a specific part number belonging to a series of electronic components, typically identifying a **Metal Film Resistor**. This component is designed for precision and stability in electronic circuits. --- ### 1. Component Specifications Based on standard naming conventions for this series (often associated with manufacturers like RoyalOhm or similar electronic vendors), here is the technical breakdown: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Metal Film Resistor | Provides better stability and lower noise than carbon types. | | **Power Rating** | 0.5W (1/2W) | The maximum power the resistor can dissipate safely. | | **Resistance Value** | 25 $\Omega$ (Ohms) | The electrical resistance provided by the unit. | | **Tolerance** | ±5% (J) | The allowable variance from the nominal resistance value. | | **Temperature Coeff.** | Typical 50-100 ppm/°C | How much the resistance changes with temperature fluctuations. | | **Mounting Type** | Axial Leaded | Through-hole mounting for PCBs. | --- ### 2. Part Number Breakdown The alphanumeric string can be decoded as follows: * **M5 / M5R**: Indicates the size and power rating (commonly 0.5 Watt / 1/2W Small Size). * **25R**: The resistance value. "R" acts as the decimal point for Ohms (25.0 $\Omega$). * **Q**: Often refers to the packaging style (e.g., Ammo Pack or Tape/Reel). * **J**: Represents the **Tolerance**. In the industry standard, 'J' stands for **±5%**. * **-R**: Typically signifies **RoHS Compliance** (Lead-free). --- ### 3. Key Characteristics Metal film resistors like the M5R25RQJ-R are preferred over carbon composition resistors for several reasons: * **Low Noise:** They generate significantly less thermal noise, making them ideal for audio or sensitive signal processing. * **Stability:** They maintain their resistance value more accurately over time and under varying environmental conditions. * **Compact Size:** The "M" designation often implies a miniaturized body compared to standard 1/2W resistors. --- ### 4. Common Applications * **Voltage Dividers:** Used in circuits where a specific voltage ratio is required. * **Current Limiting:** Protecting LEDs or low-power semiconductors. * **Audio Equipment:** High-fidelity pre-amps and signal paths where low noise is critical. * **Consumer Electronics:** Power supplies and control boards.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Metal Film and a Carbon Film resistor?
    • ⤷ How do I read the color bands on a 25 Ohm resistor?
    • ⤷ Can I substitute a 1W resistor for this 0.5W part?