データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R25ZQJ-R

  • AI
    The **M5R25ZQJ-R** is a specific part number typically associated with a **Precision Power Resistor** or a **Current Sense Resistor**. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications Based on standard nomenclature for this series, here are the primary electrical attributes: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 0.25 $\Omega$ (250m$\Omega$) | Indicated by "R25" in the part number. | | **Power Rating** | 5 Watts | Indicated by the "5" prefix. | | **Tolerance** | ±5% (J) | "J" denotes a 5 percent deviation limit. | | **Package Type** | Radial Lead / Wirewound | Often ceramic-encased for heat dissipation. | | **Configuration** | Through-hole | Designed for PCB mounting via soldering leads. | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying replacement parts: * **M5**: Refers to the series and physical size (typically a 5-watt power rating). * **R25**: The resistance value. The "R" acts as a decimal point ($0.25\ \Omega$). * **Z**: Often refers to the lead style (e.g., vertical or bent) or specific forming. * **Q**: Quality or Temperature Coefficient identifier. * **J**: Tolerance code ($J = \pm 5\%$, $F = \pm 1\%$, $K = \pm 10\%$). * **-R**: RoHS Compliant (Lead-free). --- ## 3. Key Electronic Functions ### Current Sensing Because of its low resistance value ($0.25\ \Omega$), this component is frequently used as a **shunt resistor**. By measuring the voltage drop across this resistor ($V = I \times R$), a circuit can determine how much current is flowing. ### Power Dissipation With a 5W rating, this resistor is designed to handle significant heat. It is often encased in a rectangular ceramic box (cement resistor) or coated with a flameproof silicone to prevent fire hazards during overload conditions. ### Typical Applications * **Power Supplies:** Monitoring output current. * **Motor Controllers:** Detecting stall currents or managing torque. * **Battery Chargers:** Regulating the charge rate. * **Audio Amplifiers:** Used in the output stage for protection. --- ## 4. Example Implementation If you were to use this in a simple current sensing circuit, the code logic (for a microcontroller) would look like this: ```cpp // Example: Calculating Current across a 0.25 Ohm Resistor float resistance = 0.25; // M5R25 value in Ohms float voltageDrop = readVoltage(A0); // Voltage measured across the resistor // Ohm's Law: I = V / R float currentAmps = voltageDrop / resistance; if (currentAmps > 4.0) { triggerOvercurrentProtection(); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle before exceeding its 5W rating?
    • ⤷ What are the common alternatives if this specific part is out of stock?
    • ⤷ How does the 'Z' lead style affect PCB layout compared to standard radial leads?