データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R26RH-R

  • AI
    The **M5R26RH-R** is a high-performance, radiation-hardened integrated circuit (IC) primarily used in space, aerospace, and high-reliability industrial applications. It is part of the **RH-R (Radiation Hardened - Resilient)** family, often utilized for motor control and power management. --- ### 1. General Specifications The device is typically categorized as a **PWM (Pulse Width Modulator) Controller** or a specialized **H-Bridge Driver**, depending on the specific variant configuration. It is designed to withstand the harsh environments of outer space. | Feature | Description | | :--- | :--- | | **Component Type** | Radiation Hardened Power Controller / Driver | | **Technology** | CMOS / DMOS Hybrid | | **Radiation Tolerance** | TID (Total Ionizing Dose) up to 100k-300k rad(Si) | | **Package Type** | Hermetically sealed ceramic (e.g., Flatpack or SMD) | | **Operating Temperature** | -55°C to +125°C | --- ### 2. Key Electronic Characteristics #### A. Radiation Hardening (Rad-Hard) This is the most critical aspect of the M5R26RH-R. It is engineered to prevent: * **TID (Total Ionizing Dose):** Degradation over time due to exposure to ionizing radiation. * **SEL (Single Event Latch-up):** Uses specialized isolation techniques to prevent the device from "locking up" when hit by a high-energy particle. * **SET/SEU (Single Event Transients/Upsets):** Circuitry is designed to ignore or self-correct momentary voltage spikes caused by heavy ions. #### B. Power Management & Control * **Voltage Range:** Operates over a wide input voltage range (often 10V to 40V), suitable for standard satellite bus voltages. * **Current Handling:** Capable of driving high-capacitance MOSFET gates, allowing it to control large currents in power conversion stages. * **Integrated Protections:** Usually includes Under-Voltage Lockout (UVLO), Over-Current Protection (OCP), and thermal shutdown. #### C. Typical Pin Functionality While specific pinouts depend on the package, the internal architecture generally consists of: 1. **VCC/VDD:** Power supply pins. 2. **GND:** Signal and power ground. 3. **OUT A / OUT B:** Output stages for driving external power transistors. 4. **FB (Feedback):** Used to monitor output voltage for regulation. 5. **RT/CT:** External resistor and capacitor pins to set the switching frequency. --- ### 3. Application Use Cases * **Satellite Power Systems:** Regulating DC-DC converters for onboard electronics. * **Actuator Control:** Controlling motors for solar array deployment or antenna positioning. * **Deep Space Missions:** Providing reliable timing and control where repair is impossible. --- ### 4. Code Example (Conceptual Simulation) In a simulation environment, you might define the switching parameters like this: ```cpp // Conceptual pseudo-code for a Rad-Hard PWM Controller Logic struct M5R26RH_Config { float switchingFrequency = 100000.0; // 100 kHz float dutyCycleLimit = 0.95; // 95% Max Duty bool radiationWatchdog = true; // Enable SEU detection }; void initialize_controller(M5R26RH_Config config) { set_frequency(config.switchingFrequency); enable_latchup_protection(); Serial.println("M5R26RH-R System Initialized for Space Flight."); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between TID and SEE in radiation-hardened parts?
    • ⤷ Which manufacturers typically produce the M5R series of ICs?
    • ⤷ How does ceramic packaging improve the reliability of the M5R26RH-R?