データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R28RL-R

  • AI
    The **M5R28RL-R** is a specific surface-mount electronic component, typically categorized as a high-performance **Step-Down (Buck) DC-DC Converter** or a specialized **Voltage Regulator**. It is frequently utilized in industrial automation, communication hardware, and power management modules. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of power management ICs: | Parameter | Specification (Typical) | |:---|:---| | **Input Voltage Range** | 4.5V to 28V | | **Output Voltage** | Adjustable (often 0.8V to 20V) | | **Continuous Output Current** | 2A to 3A | | **Switching Frequency** | 340 kHz to 500 kHz | | **Package Type** | SOP-8 / SOP-8-EP (Exposed Pad) | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Core Functional Parts The internal architecture of the M5R28RL-R consists of several critical sub-circuits that ensure stable power delivery: * **Internal MOSFET:** It features an integrated high-side N-channel MOSFET that handles the high-frequency switching. * **Error Amplifier:** Compares the feedback voltage from the output against an internal reference voltage to maintain regulation. * **Oscillator:** Generates the fixed frequency for the Pulse Width Modulation (PWM) control. * **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits current to prevent damage during a short circuit. * **Thermal Shutdown:** Automatically turns off the chip if internal temperatures exceed safety limits (usually ~150°C). * **Under-Voltage Lockout (UVLO):** Ensures the chip doesn't operate if the input voltage is too low to drive the internal gates reliably. --- ### 3. Application Circuit Example A typical implementation requires a few external passive components to function. ```cpp // Schematic representation of external components: [Input Capacitor] -> [M5R28RL-R] -> [Inductor] -> [Output Capacitor] | | [Feedback Resistors] [Schottky Diode] ``` 1. **Inductor:** Stores energy during the "on" cycle and releases it during the "off" cycle. 2. **Input/Output Capacitors:** Filter out voltage ripples and noise to provide "clean" DC power. 3. **Feedback Network:** Two resistors used to set the desired output voltage level via the `FB` pin. --- ### 4. Typical Use Cases * **Distributed Power Systems:** Converting a 24V industrial bus down to 5V or 3.3V for microcontrollers. * **Networking Equipment:** Powering routers, switches, and modems. * **Consumer Electronics:** Used in LCD TVs and set-top boxes where high efficiency is required to reduce heat.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the M5R28RL-R?
    • ⤷ How do I calculate the feedback resistor values for a 5V output?
    • ⤷ What is the importance of the 'Exposed Pad' in the SOP-8 package?