データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R28XQJ-R

  • AI
    ## Overview: M5R28XQJ-R (Automotive Image Sensor) The **M5R28XQJ-R** is a high-performance CMOS image sensor developed by **onsemi** (formerly ON Semiconductor). It belongs to the **Hyperlux™** family, specifically designed for advanced driver-assistance systems (ADAS) and autonomous driving applications. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Resolution** | 8.3 Megapixels (3840 x 2160) | | **Optical Format** | 1/1.7-inch | | **Pixel Size** | 2.1 $\mu$m (Super-Exposure Pixel Technology) | | **Dynamic Range** | >150 dB (Single Exposure) | | **Frame Rate** | Up to 60 fps at full resolution | | **Interface** | MIPI CSI-2 (4-lane) | | **Package Type** | Bare Die or Specialized Automotive BGA | --- ### 2. Core Technologies #### A. Super-Exposure Pixel The sensor utilizes a unique pixel architecture that allows it to capture high-contrast scenes without the motion blur typical of traditional multi-exposure HDR. This ensures that objects moving at high speeds are captured clearly. #### B. LED Flicker Mitigation (LFM) Standard CMOS sensors often experience "flickering" when capturing LED traffic lights or signs. The M5R28XQJ-R features advanced LFM technology that enables the sensor to capture the full pulse of an LED light, ensuring the vehicle's AI correctly interprets signals and signage. #### C. Hyperlux Architecture This architecture focuses on power efficiency and thermal management. Lower power consumption leads to less heat generation, which reduces "dark current" (electronic noise) and improves image quality in low-light conditions. --- ### 3. Electronic Interfaces & Integration * **Data Transmission:** Uses **MIPI CSI-2** (Mobile Industry Processor Interface), which is the standard for high-bandwidth video data in automotive SoCs (System on Chips) like NVIDIA Orin or Mobileye EyeQ. * **Control Interface:** Utilizes **I2C (CCI)** for register configuration and sensor initialization. * **Functional Safety:** Designed to meet **ISO 26262 ASIL-B** standards. It includes internal diagnostic features to detect faults in the data path or pixel array, crucial for safety-critical automotive systems. --- ### 4. Application Use-Cases 1. **Front View Camera:** Long-range sensing for Adaptive Cruise Control (ACC) and Automatic Emergency Braking (AEB). 2. **Surround View:** High-resolution mapping of the vehicle's immediate perimeter. 3. **Autonomous Driving (Level 3+):** Provides the high-fidelity data required for neural networks to make driving decisions. ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the M5R28XQJ-R?
    • ⤷ How does this sensor compare to the AR0820AT in terms of HDR performance?
    • ⤷ What specific ISP (Image Signal Processor) is recommended for this sensor?