データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R63RH-R

  • AI
    The **M5R63RH-R** is a specific electronic component primarily categorized as a **Surface Mount (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and filtering. --- ### 1. Component Specifications The nomenclature of the part typically reveals its physical and electrical characteristics. Below is a breakdown of its technical profile: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Inductance Value** | **0.63 µH** (indicated by "R63") | | **Tolerance** | Usually ±20% (standard for power inductors) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Composite Metal Powder or Ferrite (Shielded) | | **Common Application** | DC-DC Converters, VRM (Voltage Regulator Modules) | --- ### 2. Key Technical Attributes #### A. High Saturation Current ($I_{sat}$) The "M" and "R" series inductors are designed to handle high current spikes without the core "saturating." Saturation causes a drop in inductance, which can lead to circuit failure. This part is optimized for stability under heavy loads. #### B. Low DC Resistance (DCR) To minimize energy loss as heat, the M5R63RH-R is engineered with very low internal resistance. This increases the overall efficiency of the power supply unit (PSU). #### C. Magnetic Shielding The "RH" suffix often denotes a shielded construction. This prevents electromagnetic interference (EMI) from leaking out and affecting sensitive neighboring components on the PCB. --- ### 3. Circuit Usage Example In a typical buck converter (step-down) circuit, the inductor is placed after the switching transistors to smooth out the current. ```arduino [Input Voltage] --> [Switching MOSFETs] --> [M5R63RH-R Inductor] --> [Output Capacitor] --> [Load/CPU] ``` ### 4. Identification Guide * **M5:** Series/Size code (usually refers to physical dimensions like 5mm x 5mm). * **R63:** The value in microhenries (0.63µH). * **RH:** High-reliability or Shielded designation. * **-R:** Often indicates compliance with RoHS standards or Tape & Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the M5 series package?
    • ⤷ What is the typical saturation current rating for a 0.63uH power inductor?
    • ⤷ Can this inductor be used in high-frequency automotive applications?