データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • M5R63RLJ-R

  • AI
    The **M5R63RLJ-R** is a specific part number belonging to a series of **Surface Mount (SMT) Power Inductors**. These components are critical in power management circuits, specifically designed to store energy in a magnetic field when electric current flows through them. --- ## 1. Technical Specifications Overview While specific data can vary slightly by manufacturer (often associated with brands like Eaton/Coiltronics or similar high-current inductor specialists), the alphanumeric code generally breaks down as follows: | Parameter | Typical Description | |:---|:---| | **Component Type** | Fixed Power Inductor | | **Inductance Value** | 0.63 µH (Microhenries) | | **Core Material** | Powdered Iron or Ferrite (depending on specific sub-series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Configuration** | Shielded Construction (Low EMI) | --- ## 2. Key Characteristics ### High Current Capability These inductors are designed to handle high saturation currents ($I_{sat}$) and high RMS currents ($I_{rms}$). This makes them suitable for "Point of Load" (POL) converters where the voltage is stepped down, but the current demand is high. ### Low DCR (Direct Current Resistance) The "RL" in many power inductor codes signifies **Low Resistance**. By minimizing DCR, the component generates less heat and improves the overall efficiency of the power supply. ### Magnetic Shielding The part is typically shielded. This is vital in compact electronic layouts to prevent magnetic interference from affecting neighboring sensitive components like microprocessors or sensors. --- ## 3. Common Applications The M5R63RLJ-R is most frequently found in the following environments: * **Voltage Regulator Modules (VRMs):** Used on motherboards to provide stable power to CPUs/GPUs. * **DC-DC Converters:** Integrated into buck (step-down) or boost (step-up) circuits. * **Server & Networking Hardware:** For high-density power distribution. * **Laptop Power Stages:** Where space is limited but power efficiency is a priority. --- ## 4. Typical Footprint (Dimensions) While you should always consult the official datasheet for the exact "M5" package size, these components usually follow a standardized footprint: ```text Example Dimensions (Approximate): Length: ~13.0 mm Width: ~13.0 mm Height: ~5.0 mm to 7.0 mm ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the M5R63RLJ-R?
    • ⤷ Can this inductor be used in high-frequency switching applications above 1MHz?
    • ⤷ What are the equivalent alternative parts from manufacturers like Vishay or TDK?